Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSOP24 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SSOP24
Description  24-LEAD SHRINK SMALL OUTLINE PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SSOP24 Datasheet(HTML) 3 Page - STMicroelectronics

  SSOP24 Datasheet HTML 1Page - STMicroelectronics SSOP24 Datasheet HTML 2Page - STMicroelectronics SSOP24 Datasheet HTML 3Page - STMicroelectronics SSOP24 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SSOP24 PACKAGE AND PACKING INFORMATION
3/4
REEL MECHANICAL DATA
mm.
inch
Tape size
16.0 ±0.30
0.630 ±0.012
A max.
330.0
12.992
B min.
1.5
0.059
C
13.0 ±0.20
0.512 ±0.008
D min.
20.2
0.795
N min.
60
2.362
G
16.4 +2/-0
0.646 +0.079/-0
T max.
22.4
0.882
TAPE & REEL SHIPMENT INFORMATION
REEL SPECIFICATIONS
A
D
B
Full radius
Tape slot in core for tape start
2.5mm (0.098in) min. width
40mm (1.575in) min.
access hole
at slot location
C
N
Gmeasured
at hub
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com