Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02090 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M02090
Description  3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02090 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02090 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02090 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
w
ww
ww
w..m
miin
nd
ds
sp
pe
ee
ed
d..c
co
om
m/
/s
sa
alle
es
so
offffiic
ce
es
s
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
02090-BRF-001-A
© 2006 Mindspeed Technologies. All rights reserved. Mindspeed and the Mindspeed
logo are trademarks of Mindspeed Technologies. All other trademarks are the prop-
erty of their respective owners. Although Mindspeed Technologies strives for accu-
racy in all its publications, this material may contain errors or omissions and is subject
to change without notice. This material is provided as is and without any express or
implied warranties, including merchantability, fitness for a particular purpose and
non-infringement. Mindspeed Technologies shall not be liable for any special, indirect,
incidental or consequential damages as a result of its use.
• Fiber-to-the-Premises
• Passive Optical Networks
- BPON, GEPON and GPON
P
Prro
od
du
uc
ct
t A
Ap
pp
plliic
ca
at
tiio
on
ns
s
Output
Buffer
OUTP
OUTN
IPIN
IBIASOUT
Input
Buffer
DIN N
DIN P
TX
Disable
DIS
VCC3T
GND
Input
Buffer
BENN
BENP
Laser
Driver
Modulation and
Bias Current Control
Biasing
RxOUTP
RxOUTN
RSSI
PK - PK
STSET
LOS
Jam
RxINN
Iref
RxINP
V CC3R
Output
Buffer
Limiting
Amplifier
Safety Logic
(Fault Detection)
FAIL
RSSI
SCL _ M
SDA_ M
SCL _S
SDA _S
ADC
GND0
Temp
sensor
Slave Two-
wire
Interface
Master
Two-wire
Interface
Limiting
Amplifier
and
Laser
Driver
Control
Registers
Offset Cancel
Level
Detect
Comparator
Limiting Amplifier
Laser Driver
LOS
Threshold
POR
Figure 1: M02090 functional block diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com