Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M02090 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M02090
Description  3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02090 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M02090 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02090 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2
2..5
5 G
Gb
bp
ps
s lla
as
se
err d
drriiv
ve
err a
an
nd
d iin
nt
te
eg
grra
at
te
ed
d lliim
miit
tiin
ng
g
a
am
mp
plliiffiie
err iin
n a
a 5
5x
x5
5m
mm
m Q
QF
FN
N p
pa
ac
ck
ka
ag
ge
e
The M02090 is a highly integrated, programmable burst-
mode laser driver with a limiting amplifier intended for
ONU/OLT applications up to 2.5 Gbps. The M02090
offers a single, flexible solution that addresses all PON
applications of BPON, GEPON and GPON.
Capable of independently driving 100 mA of modulation
current and 80 mA of bias current, the laser driver in the
M02090 can independently control bias and modulation
currents via the Eye-Minder
TM, a dual closed-loop that
maintains the target extinction ratio by compensating
for laser aging, temperature, and voltage changes.
Open-loop and average closed-loop configurations are
also supported.
The limiting amplifier inputs in the M02090 have selec-
table bandwidth. The input sensitivity is less than 3 mV at
1.25 Gbps, and less than 6 mV at 2.5 Gbps. The positive
emitter-coupled logic (PECL) differential outputs achieve
full swing at the minimum specified input signal. Also
included are features such as programmable loss of
signal, received signal strength indication and JAM func-
tion, which can be used to squelch chatter on the
outputs when no signal is present.
Many features of the M02090 can be accessed through
a 2-wire interface by an external microcontroller or the
device can operate independently with an external
EEPROM.
The M02090 is offered in a compact 32 pin, 5mm X 5mm
QFN package and is specified over an extended operating
temperature range of -40ºC to +100ºC.
> Integrated 2.5 Gbps burst-
mode driver with limiting
amplifier
> Up to 100mA of modulation
current and 80mA of bias
current
> Dual 2-wire interface
enables operation inde-
pendently or with an
external microcontroller
> Dual digital closed-loop
architecture, enables real
time extinction ratio
control
> 2.5 ns burst on/off time
> Extended temperature
range of -40ºC to +100ºC
>
>
K
K E
E Y
Y F
F E
E A
A T
T U
U R
R E
E S
S
3
3..3
3V
V B
Bu
urrs
st
t-
-M
Mo
od
de
e L
La
as
se
err D
Drriiv
ve
err a
an
nd
d IIn
nt
te
eg
grra
at
te
ed
d L
Liim
miit
tiin
ng
g A
Am
mp
plliiffiie
err w
wiit
th
h
E
Eyye
e-
-M
Miin
nd
de
err
T
TM
M T
Te
ec
ch
hn
no
ollo
og
gyy ffo
orr F
Fiib
be
err-
-t
to
o-
-t
th
he
e-
-P
Prre
em
miis
se
es
s
M
M 0
0 2
2 0
0 9
9 0
0


Similar Part No. - M02090

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02094-11 MA-COM-M02094-11 Datasheet
768Kb / 44P
3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02094-12 MA-COM-M02094-12 Datasheet
681Kb / 46P
EPON FTTH modules
M02094-EVM MA-COM-M02094-EVM Datasheet
768Kb / 44P
3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02094-EVM MA-COM-M02094-EVM Datasheet
681Kb / 46P
EPON FTTH modules
More results

Similar Description - M02090

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7965 VITESSE-VSC7965 Datasheet
1Mb / 2P
PON Integrated 155 Mbps to 1.25 Gbps Burst-mode Laser Driver and Limiting Amplifier
VSC7967 VITESSE-VSC7967 Datasheet
610Kb / 2P
PON Integrated 155 Mbps to 2.5 Gbps Burst-mode Laser Driver and Limiting Amplifier
logo
Micrel Semiconductor
SY88216L MICREL-SY88216L Datasheet
672Kb / 11P
3.3V, 2.5Gbps Burst Mode Laser Driver
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
SY88236L MICREL-SY88236L Datasheet
1Mb / 19P
2.5Gbps Burst Mode Laser Driver with Integrated Limiting Amplifier
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
2.5Gbps Burst-Mode Limiting Amplifier
SY88216L MICREL-SY88216L_10 Datasheet
629Kb / 11P
3.3V, 2.5Gbps Burst Mode Laser Driver
SY88149HL MICREL-SY88149HL_10 Datasheet
365Kb / 11P
3.3V 1.25Gbps Burst-Mode Limiting
logo
Maxim Integrated Produc...
MAX3710 MAXIM-MAX3710 Datasheet
3Mb / 58P
125Mbps to 2.5Gbps Integrated Limiting Amplifier/Burst Mode Laser Driver with Dual-Loop Power Control
Rev 0; 8/11
logo
M/A-COM Technology Solu...
02090-BRF-001-A MA-COM-02090-BRF-001-A Datasheet
493Kb / 2P
3.3V Burst-Mode Laser Driver and Integrated Limiting Amplifier with
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com