Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK6005 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # STK6005
Description  converting PC / Mac video images for a TFT-LCD display monitor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

STK6005 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button STK6005 Datasheet HTML 22Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 23Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 24Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 25Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 26Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 27Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 28Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 29Page - List of Unclassifed Manufacturers STK6005 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
STK6005
clear the interrupt flags and reset INTN output to high.
5.17 GPIO Ports
STK6005 provides four general purpose inputs / outputs. These provide additional
signals to control the various devices in the system. Each GPIO port can be
independently programmed to input or output a direction (SelGPO) or a pulse width
modulation output (SelPWM).
6. REGISTER DEFINITION
6.1 ADC Control
Address
Bit
Name
Initial R/W
Description
0x10
[7:0]
HBP[7:0]
0x28
R/W
0x11
[3:0]
HBP[11:8]
0x1
R/W
Horizontal back-porch length of input video, unit in
number of input clocks
0x12
[7:0]
HDISP[7:0]
0x00
R/W
0x13
[3:0]
HDISP[11:8]
0x4
R/W
Horizontal display active length of input video, unit in
number of input clocks
0x14
[7:0]
VBP[7:0]
0x23
R/W
0x15
[2:0]
VBP[10:8]
0x0
R/W
Vertical back-porch length of input video, unit in number
of input scan lines
0x16
[7:0]
VDISP[7:0]
0x00
R/W
0x17
[2:0]
VDISP[10:8]
0x3
R/W
Vertical display active length of input video, unit in
number of input scan lines
0x18
[7:5]
ClampSTA
0x2
R/W Clamp start from RGHS trailing edge ( # of RefCLKs)
[4:0]
ClampPW
0x08
R/W Clamp output pulse width ( # of RefCLKs)
0x19
[7:4]
MaskBW
0x4
R/W Backward expansion width of VS mask (# of lines)
[3:0]
MaskFW
0x4
R/W Forward expansion width of VS mask (# of lines)
0x1A
[5]
EnClamp
0
R/W 0/1 : Clamp output low / enable
[4]
SetClamp
0
0/1 : to set Clamp output polarity to positive / negative
[3]
MaskSync
1
0/1 : MaskVS sync to RGHS leading / trailing edge
[2]
MaskExp
1
1 : enable MaskVS expansion
[1]
EnMaskVS
0
0/1 : MaskVS output low / enable
[0]
SetMask
0
0/1 : to set MaskVS output polarity to positive / negative
0x1B
[6]
SetICLK
0
R/W 0/1 : to set input clock polarity to positive / negative
[5]
SetIVS
0
0/1 : to set input Vsync polarity to positive / negative
[4]
SetIHS
0
0/1 : to set input Hsync polarity to positive / negative
[3]
HVMode
0
1 : VGAHS is composite sync and separates VS from it.
[2]
SelCSync
0
1 : to select Csync as Hsync / Vsync input
[1]
EnRGHS
1
0/1 : RGHS output low / enable
[0]
SetRGHS
0
0/1 : to set RGHS output polarity to positive / negative
0x1C
[5]
EnInter
0
R/W 1 : to enable a de-interlace function
[4]
L1Odd
1
1 : to indicate that Odd field is a first frame
[3]
HalfOdd
0
1 : VS active at half of HS period is an Odd field.
[2]
AdjEvenF
0
1 : to delay an active area of even field by 1 line
[1]
AdjOddF
0
1 : to delay an active area of odd field by 1 line
[0]
SelIntF
0
0/1 : YUV field is indicated by Field / HV sync timing.
Back to Contents Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com