Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR710FZ2T6 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STR710FZ2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710FZ2T6 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STR710FZ2T6 Datasheet HTML 8Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 9Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 10Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 11Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 12Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 13Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 14Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 15Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
STR71xF - INTRODUCTION
12/49
12
E2
P2.3/CS.3
I/O
pu
2)
CT
8mA X
X
Port 2.3
External Memory Interface: Select Memory
Bank 4 output
13
E3
P2.4/A.20
I/O
pd
3)
CT
8mA X
X
Port 2.4
External Memory Interface: address bus
14
E4
P2.5/A.21
I/O
pd
3)
CT
8mA X
X
Port 2.5
15
F1
P2.6/A.22
I/O
pd
3)
CT
8mA X
X
Port 2.6
16
G1
BOOTEN
I
CT
Boot control input. Enables sampling of BOOT[1:0] pins
17
E5
P2.7/A.23
I/O
pd
3)
CT
8mA X
X
Port 2.7
External Memory Interface: address bus
18
F2
P2.8
I/O pu CT X 4mA X
X
Port 2.8
External interrupt INT2
19
F4
N.C.
Not connected (not bonded)
20
F5
N.C.
Not connected (not bonded)
21
F3
VSS
S
Ground voltage for digital I/Os
22
F6
V33
S
Supply voltage for digital I/Os
23
G2
P2.9
I/O pu CT X 4mA X
X
Port 2.9
External interrupt INT3
24
G3
P2.10
I/O pu CT X4mA X
X
Port
2.10
External interrupt INT4
25
G4
P2.11
I/O pu CT X4mA X
X
Port
2.11
External interrupt INT5
26
H1
P2.12
I/O pu CT
4mA X
X
Port
2.12
27
J1
P2.13
I/O pu CT
4mA X
X
Port
2.13
28
G5
P2.14
I/O pu CT
4mA X
X
Port
2.14
29
K1
P2.15
I/O pu CT
4mA X
X
Port
2.15
30
L1
JTDI
I
TT
JTAG Data input. External pull-up required.
31
H2
JTMS
I
TT
JTAG Mode Selection Input. External pull-up required.
32
H3
JTCK
I
C
JTAG Clock Input. External pull-up or pull-down re-
quired.
33
H4
JTDO
O
8mA
X
JTAG Data output. Note: Reset state = HiZ.
34
J2
JTRST
ITT
JTAG Reset Input. External pull-up required.
35
J3
NU
Reserved, must be forced to ground.
36
K2
TEST
Reserved, must be forced to ground.
37
L3
N.C.
Not connected (not bonded)
38
L2
TEST
Reserved, must be forced to ground.
39
M1
N.C.
Not connected (not bonded)
Table 3. STR710 Pin Description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com