Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR710FZ2T6 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STR710FZ2T6
Description  ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR710FZ2T6 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STR710FZ2T6 Datasheet HTML 27Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 28Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 29Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 30Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 31Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 32Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 33Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 34Page - STMicroelectronics STR710FZ2T6 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
STR71xF - ELECTRICAL CHARACTERISTICS
31/49
2.2 Operating Conditions
Note
RAM data retention is guaranteed with V33 not below 2.7 Volt, with the device in low
power mode (Stop or Wait for Interrupt).
2.3 LVD Electrical Characteristics
V33 = 3.3 ± 10%, TA = -40 / 85 °C unless otherwise specified.
Table 10. LVD Electrical Characteristics
Symbol
Parameter
Value
Unit
Min
Max
V33
Digital Supply Voltage for I/O circuitry
3.0
3.6
V
V33IO-PLL Digital Supply Voltage for I/O circuitry and for PLL reference
3.0
3.6
V
V18BKP
External Supply Voltage for Backup block (Voltage Regulator off)
1.4
1.8
V
AVDD
Analog Supply Voltage for the A/D converter
V33
V33
V
TA
Ambient temperature under bias
–40
+85
°C
TJ
Junction temperature under bias
–40
+105
°C
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max
VIT
LVD Threshold
Main and LP LVDs
1.3
1.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com