Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2157FN Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TA2157FN
Description  Digital Servo Head Amp for CD System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2157FN Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TA2157FN Datasheet HTML 4Page - Toshiba Semiconductor TA2157FN Datasheet HTML 5Page - Toshiba Semiconductor TA2157FN Datasheet HTML 6Page - Toshiba Semiconductor TA2157FN Datasheet HTML 7Page - Toshiba Semiconductor TA2157FN Datasheet HTML 8Page - Toshiba Semiconductor TA2157FN Datasheet HTML 9Page - Toshiba Semiconductor TA2157FN Datasheet HTML 10Page - Toshiba Semiconductor TA2157FN Datasheet HTML 11Page - Toshiba Semiconductor TA2157FN Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TA2157F/FN
2002-11-21
8
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Voltage gain 1
GV1AG
RFGC
= GND
-1.5
-0.5
0.5
Voltage gain 2
GV2AG
RFGC
= HiZ
5.5
6.5
7.5
Voltage gain 3
GV3AG
¾
f
= 1 MHz
RFGC
= VCC
12
13.5
15
dB
Frequency characteristic 1
fC1AG
RFGC
= GND
¾
15
¾
Frequency characteristic 2
fC2AG
RFGC
= HiZ
¾
15
¾
Frequency characteristic 3
fC3AG
¾
-3dB point
RFGC
= VCC
¾
15
¾
MHz
Output slew rate
SRAG
¾
CRFO = 20 pF
¾
25
¾
V/
ms
Upper limit output voltage
VOHAG
2.2
2.4
¾
Lower limit output voltage
VOLAG
¾
GND reference
¾
0.2
0.4
V
AGC
AGCI
® RFGO
Permissive load resistance
RLMAG
¾
¾
5
10
¾
k
W
Transfer resistance 1
(normal mode)
Rt1FE
GVSW
= VCC
127
145
162
Transfer resistance 2
(CD-RW mode)
Rt2FE
¾
f
= 1 kHz
RFIN = 47 kW
RFEFB = 33 kW GVSW = GND
545
620
694
k
W
Gain balance 1
(normal mode)
GB1FE
GVSW
= VCC, DRt1FE
-1
0
+1
Gain balance 2
(CD-RW mode)
GB2FE
¾
GVSW
= GND, DRt2FE
-1
0
+1
dB
Frequency characteristic 1
(normal mode)
fC1FE
GVSW
= VCC
¾
20
¾
Frequency characteristic 2
(CD-RW mode)
fC2FE
¾
-3dB point
RFEFB = 33 kW
GVSW
= GND
¾
20
¾
kHz
Output offset voltage 1
(normal mode)
VOS1FE
GVSW
= VCC
-50
0
+50
Output offset voltage 2
(CD-RW mode)
VOS2FE
¾
VRO reference
FPI/FNI open
GVSW
= GND
-100
0
+100
mV
Upper limit output voltage
VOHFE
2.9
3.1
¾
Lower limit output voltage
VOLFE
¾
GND reference
¾
0.1
0.3
V
FE
FPI (FNI)
® FEO
Permissive load resistance
RLMFE
¾
¾
5
10
¾
k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com