Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA2157FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA2157FN
Description  Digital Servo Head Amp for CD System
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2157FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA2157FN Datasheet HTML 1Page - Toshiba Semiconductor TA2157FN Datasheet HTML 2Page - Toshiba Semiconductor TA2157FN Datasheet HTML 3Page - Toshiba Semiconductor TA2157FN Datasheet HTML 4Page - Toshiba Semiconductor TA2157FN Datasheet HTML 5Page - Toshiba Semiconductor TA2157FN Datasheet HTML 6Page - Toshiba Semiconductor TA2157FN Datasheet HTML 7Page - Toshiba Semiconductor TA2157FN Datasheet HTML 8Page - Toshiba Semiconductor TA2157FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
TA2157F/FN
2002-11-21
3
Pin Function
Pin
No.
Symbol
I/O
Function Description
Internal Circuit
1
VCC
¾ 3.3 V power supply pin
¾
2
FNI
I
Main-beam amp input pin
3
FPI
I
Main-beam amp input pin
4
TPI
I
Sub-beam amp input pin
5
TNI
I
Sub-beam amp input pin
6
MDI
I
Monitor photo diode amp input pin
7
LDO
O
Laser diode amp output pin
8
SEL
I
APC circuit ON/OFF control signal, laser diode
(LDO) control signal input or bottom/peak
detection frequency change pin.
SEL
APC
Circuit
LDO
GND
OFF
Connected to VCC
through 1 k
W resistor
HiZ
ON
Control signal output
VCC
ON
Control signal output
2
3
22 k
W
1 k
W
VC
4
5
100
W
VC
6
1.75 k
W
14 k
W
7
1 k
W
50 k
W
ON/OFF
ON: LD-OFF
OFF: LD-ON
8
30 k
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com