Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9042 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9042 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
13/58
 Serial Interface Mode
(VDD = 2.7 to 5.5 V, Ta = –40 to +85C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
E/SHTB Cycle Time
tSCY
500
—
—
ns
RS0/CSB Setup Time
tCSU
100
—
—
ns
RS0/CSB Hold Time
tCH
100
—
—
ns
RS0/CSB “H” Pulse Width
tCSWH
200
—
—
ns
E/SHTB Setup Time
tSSU
60
—
—
ns
E/SHTB Hold Time
tSH
200
—
—
ns
E/SHTB “H” Pulse Width
tSWH
200
—
—
ns
E/SHTB “L” Pulse Width
tSWL
200
—
—
ns
E/SHTB Rise Time
tSR
—
—
125
ns
E/SHTB Fall Time
tSF
—
—
125
ns
RW/Sl Setup Time
tDISU
100
—
—
ns
RW/Sl Hold Time
tDIH
100
—
—
ns
DB0(SO) Output Data Delay Time
tDOD
—
—
160
ns
DB0(SO) Output Data Hold Time
tCDH
0
—
—
ns
VIH
VIL
VIH
VIL
RW/SI
VIL
tSCY
tDOD
tDOD
VOL
VOH
VOH
tCDH
RS0/CSB
DB0(SO)
E/SHTB
tCSU
tSSU
tSWL
tSR
tSWH
tSF
tSH
tCH
VIH
VIL
VIH
VIH
VIH
VIL
tDISU
tDIH
VIH
tCSWH
VIH
VIL
VIH
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com