Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9042 Datasheet(PDF) 19 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9042
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9042 Datasheet(HTML) 19 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9042 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML9042 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 58 page
background image
FEDL9042-01
LAPIS Semiconductor
ML9042-xx
19/58
Character Generator RAM (CGRAM)
The CGRAM is used to generate user-specific character patterns that are not in the CGROM. CGRAM (64 bytes =
512 bits) can store up to 8 character patterns (5
 8 dots) .
When displaying a character pattern stored in the CGRAM, write an 8-bit character code (00 to 07 or 08 to 0F;
hex.) to the DDRAM. This enables outputting the character pattern to the LCD display position corresponding to
the DDRAM address.
The cursor or blink is also displayed even when a CGRAM or ABRAM address is set in the ADC. Therefore, the
cursor or blink display should be inhibited while the ADC is holding a CGRAM or ABRAM address.
The following describes how character patterns are written in and read from the CGRAM. (See Tables 2-1 and
2-2.)
(1)
A method of writing character patterns to the CGRAM from the CPU
The three CGRAM address bit weights 0 to 2 select one of the lines constituting a character pattern.
First, set the mode to increment or decrement from the CPU, and then input the CGRAM address.
Write each line of the character pattern in the CGRAM through DB0(SO) to DB7.
The data lines DB0(SO) to DB7 correspond to the CGRAM data bit weights 0 to 7, respectively (see Table
3-1). Input data “1” represents the ON status of an LCD dot and “0” represents the OFF status. Since the
ADC is automatically incremented or decremented by 1 after the data is written to the CGRAM, it is not
necessary to set the CGRAM address again.
The bottom line of a character pattern (the CGRAM address bit weights 0 to 2 are all “1”, which means 7
in hexadecimal) is the cursor line. The ON/OFF pattern of this line is ORed with the cursor pattern for
displaying on the LCD. Therefore, the pattern data for the cursor position should be all zeros to display
the cursor.
Whereas the data given by the CGRAM data bit weights 0 to 4 is output to the LCD as display data, the
data given by the CGRAM data bit weights 5 to 7 is not. Therefore, the CGRAM data bit weights 5 to 7
can be used as a RAM area.
(2)
A method of displaying CGRAM character patterns on the LCD
The CGRAM is selected when the higher-order 4 bits of a character code are all zeros. Since bit weight 3
of a character code is not used, the character pattern “0” in Table 3-1 can be selected using the character
code “00” or “08” in hexadecimal.
When the 8-bit character code corresponding to a character pattern in the CGRAM is written to the
DDRAM, the character pattern is displayed in the display position specified by the DDRAM address.
(The DDRAM data bit weights 0 to 2 correspond to the CGRAM address bit weights 3 to 5, respectively.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com