Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4302 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4302
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4302 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4302 Datasheet HTML 15Page - Texas Instruments THS4302 Datasheet HTML 16Page - Texas Instruments THS4302 Datasheet HTML 17Page - Texas Instruments THS4302 Datasheet HTML 18Page - Texas Instruments THS4302 Datasheet HTML 19Page - Texas Instruments THS4302 Datasheet HTML 20Page - Texas Instruments THS4302 Datasheet HTML 21Page - Texas Instruments THS4302 Datasheet HTML 22Page - Texas Instruments THS4302 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.ti.com
ADDITIONAL REFERENCE MATERIAL
THS4302
SLOS403G – OCTOBER 2002 – REVISED JANUARY 2005
Table 1. BILL OF MATERIALS - THS4302RGT EVM
REFERENCE
PCB
MANUFACTURER'S
ITEM
DESCRIPTION
SMD SIZE
DESIGNATOR
QUANTITY
PART NUMBER
1
Bead, ferrite, 3 A, 80
Ω
1206
FB1, FB2
2
(Steward) HI1206N800R-00
2
Cap. 22 µF, tantalum, 25 V, 10%
D
C2, C3
2
(AVX) TAJD226K025R
3
Cap. 1 µF, ceramic, 25 V, Y5V
0805
C1
1
(AVX) 08053G105ZAT2A
4
Open
0402
C6, C7
2
5
Cap. 47 pF, ceramic, 50 V, NPO
0402
C8, C9
2
(AVX) 04025A470JAT2A
6
Cap. 0.1 µF, ceramic, 16 V, X7R
0603
C4, C5
2
(AVX) 0603YC104KAT2A
7
Resistor, 30.1
Ω , 1/16 W, 1%
0402
R4, R5
2
(KOA) RK73H1E30R1F
8
Open
0603
R3
1
(Phycomp)
9
Resistor, 49.9
Ω, 1/16 W, 1%
0603
R1, R2
2
9C06031A49R9FKRFT
10
Jack, banana receptance, 0.25” dia. hole
J3, J4, J5
3
(HH Smith) 101
11
Test point, red
J6
1
(Keystone) 5000
12
Test point, black
TP1
1
(Keystone) 5001
13
Connector, edge, SMA PCB jack
J1, J2
2
(Johnson) 142-0701-801
14
IC THS4302
U1
1
(TI) THS4302RGT
15
Standoff, 4-40 hex, 0.625” length
4
(Keystone) 1808
16
Screw, phillips, 4-40, 0.250”
4
SHR-0440-016-SN
17
Board, printed-circuit
1
(TI) EDGE # 6443548 Rev. C
•
PowerPAD Made Easy, application brief (SLMA004)
•
PowerPAD Thermally Enhanced Package, technical brief (SLMA002)
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com