Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4302 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4302
Description  WIDEBAND FIXED-GAIN AMPLIFIER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4302 Datasheet(HTML) 1 Page - Texas Instruments

  THS4302 Datasheet HTML 1Page - Texas Instruments THS4302 Datasheet HTML 2Page - Texas Instruments THS4302 Datasheet HTML 3Page - Texas Instruments THS4302 Datasheet HTML 4Page - Texas Instruments THS4302 Datasheet HTML 5Page - Texas Instruments THS4302 Datasheet HTML 6Page - Texas Instruments THS4302 Datasheet HTML 7Page - Texas Instruments THS4302 Datasheet HTML 8Page - Texas Instruments THS4302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
_
+
THS4302
Rf
100
Ω
49.9
Ω
VI
+
22
µF
47 pF
0.1
µF
VS+
50
Ω Source
Rg
APPLICATION CIRCUIT
VO
+
22
µF
47 pF
0.1
µF
VS-
0
2
4
6
8
10
12
14
16
10 M
100 M
1 G
10 G
f - Frequency - Hz
SMALL SIGNAL FREQUENCY RESPONSE
VO = 200 mV
RL = 100 Ω
VS = 5 V
30.1
Ω
30.1
Ω
FB
FB
FB = Ferrite Bead
THS4302
SLOS403G – OCTOBER 2002 – REVISED JANUARY 2005
WIDEBAND FIXED-GAIN AMPLIFIER
•
Wideband Signal Processing
•
Fixed-Gain Closed-Loop Amplifier
•
Wireless Transceivers
•
Multiple Gain Options
•
IF Amplifier
– THS4302: 5 V/V (14 dB)
•
ADC Preamplifier
•
Wide Bandwidth: 2.4 GHz
•
DAC Output Buffers
•
High Slew Rate: 5500 V/µs
•
Test, Measurement, and Instrumentation
•
Low Total Input Referred Noise: 2.8 nV/
√Hz
•
Medical and Industrial Imaging
•
Low Distortion
– HD3: -86 dBc at 30 MHz
– HD3: -81 dBc at 70 MHz
The THS4302 device is a wideband, fixed-gain ampli-
– IMD3: -88 dBc at 100 MHz
fier that offers high bandwidth, high slew rate, low
noise, and low distortion. This combination of specifi-
– OIP3: 39 dBm at 100 MHz
cations enables analog designers to transcend cur-
– IMD3: -73 dBc at 300 MHz
rent performance limitations and process analog sig-
– OIP3: 32 dBm at 300 MHz
nals at much higher speeds than previously possible
with closed-loop, complementary amplifier designs.
•
High Output Drive:
±180 mA
This device is offered in a 16-pin leadless package
•
Power Supply Voltage: 3 V or 5 V
and incorporates a power-down mode for quiescent
power savings.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4302 TI2-THS4302 Datasheet
774Kb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
REVISED AUGUST 2006
THS4302RGTR TI1-THS4302RGTR Datasheet
1Mb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
THS4302RGTR TI2-THS4302RGTR Datasheet
774Kb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
REVISED AUGUST 2006
THS4302RGTR.B TI2-THS4302RGTR.B Datasheet
774Kb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
REVISED AUGUST 2006
THS4302RGTT TI1-THS4302RGTT Datasheet
1Mb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
More results

Similar Description - THS4302

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
THS4303 TI-THS4303 Datasheet
611Kb / 24P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
Wideband, Fixed Gain, JFET-Input AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
WIDEBAND FIXED-GAIN AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
Wideband, Fixed Gain BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com