Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4299 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4299
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4299 Datasheet HTML 1Page - Infineon Technologies AG TLE4299 Datasheet HTML 2Page - Infineon Technologies AG TLE4299 Datasheet HTML 3Page - Infineon Technologies AG TLE4299 Datasheet HTML 4Page - Infineon Technologies AG TLE4299 Datasheet HTML 5Page - Infineon Technologies AG TLE4299 Datasheet HTML 6Page - Infineon Technologies AG TLE4299 Datasheet HTML 7Page - Infineon Technologies AG TLE4299 Datasheet HTML 8Page - Infineon Technologies AG TLE4299 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Data Sheet Rev. 1.0
1
2002-01-17
5-V Low-Drop Fixed Voltage Regulator
TLE 4299
Data Sheet
P-DSO-8-3
P-DSO-14-3, -8, -9, -11
Features
• Output voltage 5 V
± 2%
• 150 mA Output current
• Extreme low current consumption typical 65
mA
in ON state
• Inhibit function: Below 1
mA current consumption
in off mode
• Early warning
• Reset output low down to
V
Q = 1 V
• Adjustable reset threshold
• Overtemperature protection
• Reverse polarity proof
• Wide temperature range
 New type
Type
Ordering Code
Package
 TLE 4299 G
Q67006-A9417
P-DSO-8-3 (SMD)
 TLE 4299 GM Q67006-A9441
P-DSO-14-8 (SMD)
Functional Description
The TLE 4299 is a monolithic voltage regulator with fixed 5-V output, supplying loads up
to 150 mA. It is especially designed for applications that may not be powered down while
the motor is off. It only needs a quiescent current of typical 65
mA. In addition the
TLE 4299 GM includes an inhibit function. When the inhibit signal is removed, the device
is switched off and the quiescent current is less than 1
mA. To achieve proper operation
of the
m-controller, the device supplies a reset signal. The reset delay time is selected
application-specific by an external delay capacitor. The reset threshold is adjustable. An
early warning signal supervises the voltage at pin SI. The TLE 4299 is pin-compatible to
the TLE 4269 and functional similar with the additional inhibit function. The TLE 4299 is
designed to supply microcontroller systems even under automotive environment
conditions. Therefore it is protected against overload, short circuit and over temperature.


Similar Part No. - TLE4299

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4299 INFINEON-TLE4299 Datasheet
475Kb / 25P
Low-Drop Fixed Voltage Regulator
Rev. 1.1, 2007-10-17
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994E INFINEON-TLE42994E Datasheet
543Kb / 30P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42994E INFINEON-TLE42994E Datasheet
1Mb / 36P
Extreme Low Current Consumption In ON State
More results

Similar Description - TLE4299

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268 Datasheet
228Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4270 IKSEMICON-ILE4270 Datasheet
254Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com