Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4299 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4299
Description  5-V Low-Drop Fixed Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4299 Datasheet HTML 1Page - Infineon Technologies AG TLE4299 Datasheet HTML 2Page - Infineon Technologies AG TLE4299 Datasheet HTML 3Page - Infineon Technologies AG TLE4299 Datasheet HTML 4Page - Infineon Technologies AG TLE4299 Datasheet HTML 5Page - Infineon Technologies AG TLE4299 Datasheet HTML 6Page - Infineon Technologies AG TLE4299 Datasheet HTML 7Page - Infineon Technologies AG TLE4299 Datasheet HTML 8Page - Infineon Technologies AG TLE4299 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TLE 4299
Data Sheet Rev. 1.0
2
2002-01-17
Circuit Description
The TLE 4299 is a PNP based very low drop linear voltage regular. It regulates the
output voltage to
V
Q = 5 V for an input voltage range of 5.5 V £ VI £ 45 V. The control
circuit protects the device against potential caused by damages overcurrent and
overtemperature.
The internal control circuit achieves a 5 V output voltage with a tolerance of
± 2%.
The device includes a power on reset and an under voltage reset function with adjustable
reset delay time and adjustable reset switching threshold as well as a sense control/early
warning function. The device includes an inhibit function to disable it when the ECU is
not used for example while the motor is off.
The reset logic compares the output voltage
V
Q to an internal threshold. If the output
voltage drops below this level, the external reset delay capacitor
C
D is discharged. When
V
D is lower than VLD, the reset output RO is switched Low. If the output voltage drop is
very short, the
V
LD level is not reached and no reset-signal is asserted. This feature
avoids resets at short negative spikes at the output voltage e.g. caused by load changes.
As soon as the output voltage is more positive than the reset threshold, the delay
capacitor is charged with constant current. When the voltage reaches
V
UD the reset
output RO is set High again.
The reset threshold is either the internal defined
V
RT voltage (typical 4.6 V) or can be
lowered by a voltage level at the RADJ input down to 3.5 V. The reset delay time and the
reset reaction time are defined by the external capacitor
C
D. The reset function is active
down to
V
I = 1 V.
In addition to the normal reset function, the device gives an early warning. When the SI
voltage drops below
V
SI,low, the devices asserts the SI output Low to indicate the logic
and the
m-processor that this voltage has dropped. The sense function uses a hysteresis:
When the SI-voltage reaches the
V
SI,high level, SO is set high again. This feature can be
used as early warning function to notice the
m-controller about a battery voltage drop and
a possible reset in a short time. Of cause also any other voltage can be observed by this
feature.
The user defines the threshold by the resistor-values
R
SI1 and RSI2.
For the exact timing and calculation of the reset and sense timing and thresholds, please
refer to the application section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com