Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPC660
Description  Low Power CMOS Quad Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPC660 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LPC660 Datasheet HTML 1Page - National Semiconductor (TI) LPC660 Datasheet HTML 2Page - National Semiconductor (TI) LPC660 Datasheet HTML 3Page - National Semiconductor (TI) LPC660 Datasheet HTML 4Page - National Semiconductor (TI) LPC660 Datasheet HTML 5Page - National Semiconductor (TI) LPC660 Datasheet HTML 6Page - National Semiconductor (TI) LPC660 Datasheet HTML 7Page - National Semiconductor (TI) LPC660 Datasheet HTML 8Page - National Semiconductor (TI) LPC660 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LPC660
Low Power CMOS Quad Operational Amplifier
General Description
The LPC660 CMOS Quad operational amplifier is ideal for
operation from a single supply. It features a wide range of
operating voltages from +5V to +15V and features rail-to-rail
output swing in addition to an input common-mode range
that includes ground. Performance limitations that have
plagued CMOS amplifiers in the past are not a problem with
this design. Input V
OS, drift, and broadband noise as well as
voltage gain (into 100 k
Ω and5kΩ) are all equal to or better
than widely accepted bipolar equivalents, while the power
supply requirement is typically less than 1 mW.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LPC662 datasheet for a Dual CMOS operational
amplifier and LPC661 datasheet for a single CMOS opera-
tional amplifier with these same features.
Applications
n High-impedance buffer
n Precision current-to-voltage converter
n Long-term integrator
n High-impedance preamplifier
n Active filter
n Sample-and-Hold circuit
n Peak detector
Features
n Rail-to-rail output swing
n Micropower operation:
(1 mW)
n Specified for 100 k
Ω and5kΩ loads
n High voltage gain:
120 dB
n Low input offset voltage:
3 mV
n Low offset voltage drift:
1.3 µV/˚C
n Ultra low input bias current:
2 fA
n Input common-mode includes V
−
n Operation range from +5V to +15V
n Low distortion:
0.01% at 1 kHz
n Slew rate:
0.11 V/µs
n Full military temp. range available
Connection Diagram
14-Pin DIP/SO
DS010547-1
Top View
March 1998
© 1999 National Semiconductor Corporation
DS010547
www.national.com


Similar Part No. - LPC660

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPC660 TI1-LPC660 Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
LPC660 TI2-LPC660 Datasheet
1Mb / 27P
LPC660 Low Power CMOS Quad Operational Amplifier
REVISED MARCH 2013
LPC660AIM/NOPB TI1-LPC660AIM/NOPB Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
LPC660AIM/NOPB TI2-LPC660AIM/NOPB Datasheet
1Mb / 27P
LPC660 Low Power CMOS Quad Operational Amplifier
REVISED MARCH 2013
LPC660AIM/NOPB.A TI2-LPC660AIM/NOPB.A Datasheet
1Mb / 27P
LPC660 Low Power CMOS Quad Operational Amplifier
REVISED MARCH 2013
More results

Similar Description - LPC660

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6024 NSC-LMC6024 Datasheet
315Kb / 14P
Low Power CMOS Quad Operational Amplifier
LMC6034 NSC-LMC6034 Datasheet
301Kb / 12P
CMOS Quad Operational Amplifier
LMC660 NSC-LMC660 Datasheet
461Kb / 14P
CMOS Quad Operational Amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
Jun-2003
logo
National Semiconductor ...
LMC660 NSC-LMC660_00 Datasheet
441Kb / 12P
CMOS Quad Operational Amplifier
LMC660 NSC-LMC660_06 Datasheet
873Kb / 14P
CMOS Quad Operational Amplifier
LMC660EP NSC-LMC660EP Datasheet
891Kb / 15P
CMOS Quad Operational Amplifier
logo
Texas Instruments
LMC6024 TI1-LMC6024 Datasheet
1Mb / 22P
Low Power CMOS Quad Operational Amplifier
LMC6034 TI1-LMC6034 Datasheet
1Mb / 22P
CMOS Quad Operational Amplifier
LPC660 TI1-LPC660 Datasheet
1Mb / 24P
LPC660 Low Power CMOS Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com