Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2951
Description  Series of Adjustable Micropower Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2951 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LP2951 Datasheet HTML 12Page - National Semiconductor (TI) LP2951 Datasheet HTML 13Page - National Semiconductor (TI) LP2951 Datasheet HTML 14Page - National Semiconductor (TI) LP2951 Datasheet HTML 15Page - National Semiconductor (TI) LP2951 Datasheet HTML 16Page - National Semiconductor (TI) LP2951 Datasheet HTML 17Page - National Semiconductor (TI) LP2951 Datasheet HTML 18Page - National Semiconductor (TI) LP2951 Datasheet HTML 19Page - National Semiconductor (TI) LP2951 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Application Hints (Continued)
REDUCING OUTPUT NOISE
In reference applications it may be advantageous to reduce
the AC noise present at the output. One method is to reduce
the regulator bandwidth by increasing the size of the output
capacitor. This is the only way noise can be reduced on the
3 lead LP2950 but is relatively inefficient, as increasing the
capacitor from 1µF to 220µF only decreases the noise from
430µV to 160µV rms for a 100kHz bandwidth at 5V output.
Noise can be reduced fourfold by a bypass capacitor across
R
1, since it reduces the high frequency gain from 4 to unity.
Pick
or about 0.01µF. When doing this, the output capacitor must
be increased to 3.3µF to maintain stability. These changes
reduce the output noise from 430µV to 100µV rms for a
100kHz bandwidth at 5V output. With the bypass capacitor
added, noise no longer scales with output voltage so that
improvements are more dramatic at higher output voltages.
Typical Applications
1A Regulator with 1.2V Dropout
00854622
300mA Regulator with 0.75V Dropout
Wide Input Voltage Range Current Limiter
00854621
00854609
*Minimum input-output voltage ranges from 40mV to 400mV, depending on
load current. Current limit is typically 160mA.
00854607
*See Application Hints
**Drive with TTL-high to shut down. Ground or leave open if shutdown
feature is not to be used.
Note: Pins 2 and 6 are left open.
FIGURE 2. Adjustable Regulator
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com