Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP2951
Description  Series of Adjustable Micropower Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2951 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LP2951 Datasheet HTML 15Page - National Semiconductor (TI) LP2951 Datasheet HTML 16Page - National Semiconductor (TI) LP2951 Datasheet HTML 17Page - National Semiconductor (TI) LP2951 Datasheet HTML 18Page - National Semiconductor (TI) LP2951 Datasheet HTML 19Page - National Semiconductor (TI) LP2951 Datasheet HTML 20Page - National Semiconductor (TI) LP2951 Datasheet HTML 21Page - National Semiconductor (TI) LP2951 Datasheet HTML 22Page - National Semiconductor (TI) LP2951 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Typical Applications (Continued)
Regulator with State-of-Charge Indicator
00854616
*Optional Latch off when drop out occurs. Adjust R3 for C2 Switching when Vin is 6.0V.
**Outputs go low when Vin drops below designated thresholds.
Low Battery Disconnect
00854617
For values shown, Regulator shuts down when Vin < 5.5V and turns on again at 6.0V. Current drain in disconnected mode is ≈ 150µA.
*Sets disconnect Voltage
**Sets disconnect Hysteresis
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com