Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCAS04AP181R5DAT Datasheet(PDF) 2 Page - AVX Corporation

Part # VCAS04AP181R5DAT
Description  Antenna PowerGuard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS04AP181R5DAT Datasheet(HTML) 2 Page - AVX Corporation

  VCAS04AP181R5DAT Datasheet HTML 1Page - AVX Corporation VCAS04AP181R5DAT Datasheet HTML 2Page - AVX Corporation VCAS04AP181R5DAT Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
010317
Antenna PowerGuard
AVX Low Capacitance Varistors
ESD Protection for Circuits Sensitive to Capacitance
V/I CHARACTERISTICSS21 CHARACTERISTICS
0
50
100
150
200
250
300
1.E-09
1.E-07
1.E-05
1.E-03
1.E-01
Current (Amps)
VCAS04AP: 18Vdc
VCAS04AP181R5DAT
VCAS04AP182R0LAT
0
50
100
150
200
250
300
1.E-09
1.E-07
1.E-05
1.E-03
1.E-01
Current (Amps)
VCAS04AP: 30Vdc
VCAS04AP301R5DAT
0
50
100
150
200
250
300
1.E-09
1.E-07
1.E-05
1.E-03
1.E-01
1.E+01
Current (Amps)
VCAS06AP: 18-24Vdc
VCAS06AP182R0LAT
VCAS06AP243R3LAT
0
50
100
150
200
250
300
1.E-09
1.E-07
1.E-05
1.E-03
1.E-01
Current (Amps)
VCAS06AP: 30Vdc
VCAS06AP303R3LAT
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
10000
Frequency (MHz)
VCAS04AP: 18Vdc
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
10000
Frequency (MHz)
VCAS04AP: 30Vdc
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
10000
Frequency (MHz)
VCAS06AP: 18-24Vdc
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
10000
Frequency (MHz)
VCAC06AP: 30Vdc
VCAS04AP181R5DAT
VCAS04AP182R0LAT
VCAS04AP301R5DAT
VCAS06AP182R0LAT
VCAS06AP243R3LAT
VCAS06AP303R3LAT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com