Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCAS04AP181R5DAT Datasheet(PDF) 1 Page - AVX Corporation

Part # VCAS04AP181R5DAT
Description  Antenna PowerGuard
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS04AP181R5DAT Datasheet(HTML) 1 Page - AVX Corporation

  VCAS04AP181R5DAT Datasheet HTML 1Page - AVX Corporation VCAS04AP181R5DAT Datasheet HTML 2Page - AVX Corporation VCAS04AP181R5DAT Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
010317
GENERAL DESCRIPTION
AVX Antenna PowerGuard products are an ultra low capacitance extension of reliable
AntennaGuard range with new voltage, capacitance and energy ratings. Designed for use in RF
circuits, sensors, high-speed lines, optic circuits and capacitance sensitive applications.
The ability to handle larger transients makes the Antenna PowerGuard series useful in
applications where capacitance sensitive circuit needs to be protected against higher energy
and AEC-Q200 qualification allows for use in automotive applications.
These low capacitance values have low insertion loss, low leakage current and unsurpassed
reliability compared to diode options. These advantages combined with size advantages and
bi-directional protection make the Antenna PowerGuard the right choice for automotive and
general applications, that are sensitive to capacitance.
Antenna PowerGuard
AVX Low Capacitance Varistors
ESD Protection for Circuits Sensitive to Capacitance
GENERAL
CHARACTERISTICS
• Operating Teperature: -55°C to +125°C
• Case Size: 0402, 0603
• Working Voltage: 18 - 30Vdc
• Capacitance: 1.5 - 3.3pF
• Energy: 0.02 - 0.04J
• Peak Current: 1 - 3A
FEATURES
• AEC-Q200 Qualified
• 25kV ESD rating
• Meet 48Vdc Jump Start requirements
• Multi-strike capability
• Sub 1nS response to ESD strike
APPLICATIONS
• RF Circuit
• Sensors
• Antennas
• Data lines
• Radars
• Bluetooth
• Ethernet (IEEE 802.3bw
and IEEE 802.3bp)
VCAS06AP303R3LAT
HOW TO ORDER
VC
Varistor
Chip
AS
Series
AS = Automotive
06
Case Size
04 = 0402
06 = 0603
AP
Type
18
Working
Voltage
18 = 18Vdc
24 = 24Vdc
30 = 30Vdc
1R5
Capacitance
1R5 = 1.5pF
2R0 = 2.0pF
3R3 = 3.3pF
D
Non-Std’
Cap Tol
D = ±0.5pF
L = ±1.0pF
A
N/A
T
Termination
T = Ni/Sn Plated
1
Reel Size
1 = 7" reel*
3 = 13" reel*
W = 7" reel**
* for 0603
** for 0402 only
A
Reel Quantity
A = 4K or 10K pcs
(i.e.: 1A = 4,000
3A = 10,000
WA = 10,000
PHYSICAL DIMENSIONS: mm (inches)
L
W
T
tt
Size (EIA)
Length (L)
Width (W)
Max Thickness (T)
Land Length (t)
0402
1.00±0.10
0.50±0.10
0.60
0.25±0.15
(0.040±0.004)
(0.020±0.004)
(0.024)
(0.010±0.006)
0603
1.60±0.15
0.80±0.15
0.90
0.35±0.15
(0.063±0.006)
(0.031±0.006)
(0.035)
(0.014±0.006)
ELECTRIAL CHARACTERISTICS
V
W(DC)
DC Working Voltage [V]
E
T
Transient Energy Rating [J, 10x1000
µS]
V
W(AC)
AC Working Voltage [V]
I
P
Peak Current Rating [A, 8x20
µS]
V
B
Breakdown Votage [V @ 1mA
DC]
Cap
Capacitance [pF] @ 1MHz specified and 0.5V
RMS
V
C
Clamping Votage [V @ 1A]
Cap Tol
Capacitance tolerance (pF) from Typ value
I
L
Maximum leakage current at the working voltage [
µA]
V
Jump
Jump Start (V, 5min)
AVX Part Number
VW (DC)
VW (AC)
VB
VC
IL
ET
IP
Cap
Cap
VJump
Case
Tolerance
Size
VCAS04AP181R5DAT
18
13
150-210
350
0.1
0.02
1
1.5
±0.5pF
48
0402
VCAS04AP182R0LAT
18
13
80-140
300
0.1
0.02
1
2.0
±1.0pF
48
0402
VCAS06AP182R0LAT
18
13
150-200
350
0.1
0.03
2
2.0
±1.0pF
48
0603
VCAS06AP243R3LAT
24
17
90-150
240
0.1
0.04
3
3.3
±1.0pF
48
0603
VCAS04AP301R5DAT
30
21
150-210
350
0.1
0.02
1
1.5
±0.5pF
48
0402
VCAS06AP302R0LAT
30
21
150-200
350
0.1
0.03
2
2.0
±1.0pF
48
0603
VCAS06AP303R3LAT
30
21
90-150
240
0.1
0.04
3
3.3
±1.0pF
48
0603


Similar Part No. - VCAS04AP181R5DAT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VCAS04AP181R5DAT AVX-VCAS04AP181R5DAT Datasheet
316Kb / 3P
Multilayer Varistors Sample Kit – Automotive Applications
More results

Similar Description - VCAS04AP181R5DAT

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-3080-AT001 HARRIS-RF-3080-AT001 Datasheet
276Kb / 2P
ANTENNA, PORTABLE UHF SATCOM ANTENNA
logo
Pasternack Enterprises,...
PE9881-34 PASTERNACK-PE9881-34 Datasheet
239Kb / 2P
Waveguide Horn Antenna Antenna Operates
logo
Pulse A Technitrol Comp...
GPSDM02-12 PULSE-GPSDM02-12 Datasheet
100Kb / 2P
ANTENNA
logo
Japan Aviation Electron...
GHT21-0960-1 JAE-GHT21-0960-1 Datasheet
624Kb / 9P
Antenna
2021/10/10
GHT21-0734-2 JAE-GHT21-0734-2 Datasheet
619Kb / 9P
Antenna
2021/10/10
GHT21-0732-2 JAE-GHT21-0732-2 Datasheet
617Kb / 10P
Antenna
2021/10/10
GHT21-0733-2 JAE-GHT21-0733-2 Datasheet
617Kb / 10P
Antenna
2021/10/10
GHT21-0730-2 JAE-GHT21-0730-2 Datasheet
856Kb / 9P
Antenna
2021/10/10
GHT21-0731-2 JAE-GHT21-0731-2 Datasheet
666Kb / 9P
Antenna
2021/10/10
logo
Pulse A Technitrol Comp...
W3961XXXXX PULSE-W3961XXXXX Datasheet
923Kb / 7P
CBRS FPC Antenna FPC Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com