Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD20 Datasheet(PDF) 1 Page - AVX Corporation

Part # GD20
Description  Microwave SLCs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GD20 Datasheet(HTML) 1 Page - AVX Corporation

  GD20 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
17
Capacitance Change with Temperature
Temperature (°C)
0
-70
-8
-6
-4
-2
0
2
4
6
8
-60 -50 -40 -30 -20 -10
10
20
30
40
50
60
70
80
90 100 110 120 130 140
GD
Type Code
20
L&W (mils)
3
Rated
Voltage
3 = 25 VDC
0
Dielectric
0 = Ultra Maxi
(k = 60,000)
102
Capacitance
EIA Cap
Code in pF
Z
Capacitance
Tolerance
M = ±20%
Z = +80 -20%
A
Termination
Au (100 μ-in)
over
Ti/W (1000Å)
W
Packaging
Antistatic
Waffle Pack
(400 per)
HOW TO ORDER
Microwave SLCs
ULTRA MAXI Series
The Ultra Maxi Series is the latest addition to the AVX family of proprietary high k,
inter-granular barrier layer dielectic systems. This series is similar to our Maxi &
Maxi+ product offerings, but with the notable difference that the dielectric con-
stant has been increased to 60,000 - double the previous high for our industry
leading GBBL formulations.
These new Single Layer Ceramic Capacitors, with X7R TCC and rated at 25VDC
(-55°C thru +125°C), set a new standard for circuit miniturization. On average, the
required board mounting area will be reduced by approximately two-thirds when
compared to an equivalent capacitance value for our Maxi+ series. The Ultra
Maxi series offers an ideal solution for broadband bypass applications where
high performance and the smallest footprint are the primary considerations.
The Ultra Maxi Series is RoHS compliant - as are all AVX SLC products.
Terminations (Au over Ti/W) provide an excellent wire bonding surface and are
compatible with conductive epoxy and Au/Sn eutectic solder attach.
Samples and custom configurations are available on request.
Style
Length x Width
Capacitance (pF)
±.003" (0.076)
Min
Max
GD10
.010 x .010 (.254 x .254)
200
300
GD15
.015 x .015 (.381 x .381)
300
600
GD20
.020 x .020 (.508 x .508)
550
1000
GD25
.025 x .025 (.635 x .635)
900
1500
GD30
.030 x .030 (.762 x .762)
1400
2000
GD35
.035 x .035 (.889 x .889)
1900
2700
GD40
.040 x .040 (1.016 x 1.016)
2600
3500
GD45
.045 x .045 (1.143 x 1.143)
3300
4400
GD50
.050 x .050 (1.270 x 1.270)
4200
5400
GD55
.055 x .055 (1.397 x1.397)
5100
6500
Thickness: .0065±.001 (.165±.025)
inches (millimeters)
Sample kits are available
ULTRA MAXI KIT Catalog # KITSLCK60KSAMPL
includes 10 each:
GD1030301ZAW, GD1530601ZAW,
GD2030102ZAW, GD3030202ZAW


Similar Part No. - GD20

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GD20 AVX-GD20 Datasheet
105Kb / 1P
Microwave SLCs ULTRA MAXI Series
logo
StarPower Europe AG
GD200CEY120C2S STARPOWER-GD200CEY120C2S Datasheet
188Kb / 9P
1200V/200A 2 in one-package
11/30/2016
GD200CLX65C2S STARPOWER-GD200CLX65C2S Datasheet
614Kb / 9P
650V/200A chopper in one package
6/30/2021
GD200CUY120C2S STARPOWER-GD200CUY120C2S Datasheet
186Kb / 9P
1200V/200A chopper in one-package
4/7/2016
GD200FFX120P3SA STARPOWER-GD200FFX120P3SA Datasheet
403Kb / 9P
1200V/200A 6 in one-package
4/12/2022
More results

Similar Description - GD20

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TIM5359-45SL TOSHIBA-TIM5359-45SL Datasheet
157Kb / 4P
MICROWAVE SEMICONDUCTOR
logo
Aeroflex Circuit Techno...
IFR6813 AEROFLEX-IFR6813 Datasheet
153Kb / 4P
Microwave Generator
logo
Merrimac Industries, In...
AUM-16H MERRIMAC-AUM-16H Datasheet
333Kb / 3P
MICROWAVE ATTENUATORS
logo
AVX Corporation
GB01 AVX-GB01 Datasheet
281Kb / 4P
Microwave SLCs Maxi & Maxi Series: Single Layer Ceramics With & Without Borders
GD10 AVX-GD10 Datasheet
105Kb / 1P
Microwave SLCs ULTRA MAXI Series
GHB AVX-GHB Datasheet
127Kb / 2P
Microwave SLCs Multi-Cap Arrays
logo
Emcore Corporation
1542 EMCORE-1542 Datasheet
787Kb / 4P
Microwave DFB Laser Microwave DFB Laser
logo
List of Unclassifed Man...
BMI-S-209-F ETC2-BMI-S-209-F Datasheet
567Kb / 3P
Microwave Absorber Microwave Absorber
logo
Micross Components
HMC347 MICROSS-HMC347 Datasheet
860Kb / 9P
Microwave Radio
HMC553 MICROSS-HMC553 Datasheet
864Kb / 9P
Microwave Radio
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com