Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSDF1920W Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSDF1920W
Description  25 GHz Silicon NPN Planar RF Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSDF1920W Datasheet(HTML) 1 Page - Vishay Siliconix

  TSDF1920W Datasheet HTML 1Page - Vishay Siliconix TSDF1920W Datasheet HTML 2Page - Vishay Siliconix TSDF1920W Datasheet HTML 3Page - Vishay Siliconix TSDF1920W Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TSDF1920W
Vishay Semiconductors
1 (4)
www.vishay.com
Document Number 85092
Rev. 2, 02–May–02
25 GHz Silicon NPN Planar RF Transistor
Electrostatic sensitive device.
Observe precautions for handling.
Applications
For RF front–ends, low noise, and wideband
applications, such as in analogue and digital cellular
and cordless phones (DECT, PHD), in TV systems
(e.g. satellite tuners), in high frequency oscillators up
to 12 GHz, in pagers and radar detectors.
Features
D Very low noise figure
D Very high power gain
D High transition frequency fT = 24 GHz
D Low feedback capacitance
D Emitter pins are thermal leads
12
43
16712
TSDF1920W Marking: YH3
Plastic case (SOT 343R)
1 = Emitter, 2 = Base, 3 = Emitter, 4 = Collector
Absolute Maximum Ratings
Tamb = 25°C, unless otherwise specified
Parameter
Test Conditions
Symbol
Value
Unit
Collector-base voltage
VCBO
10
V
Collector-emitter voltage
VCEO
3.5
V
Emitter-base voltage
VEBO
1.5
V
Collector current
IC
40
mA
Total power dissipation
Tamb  60 °C
Ptot
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
–65 to +150
°C
Junction ambient
on glass fibre printed board
(25 x 20 x 1.5) mm3 plated with 35
µm Cu
RthJA
450
K/W


Similar Part No. - TSDF1920W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSDF1920W VISHAY-TSDF1920W Datasheet
172Kb / 5P
25 GHz Silicon NPN Planar RF Transistor
05-Sep-08
TSDF1920W VISHAY-TSDF1920W_08 Datasheet
172Kb / 5P
25 GHz Silicon NPN Planar RF Transistor
05-Sep-08
More results

Similar Description - TSDF1920W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
Silicon NPN Planar RF Transistor
11-Nov-99
BFP92A VISHAY-BFP92A Datasheet
173Kb / 10P
Silicon NPN Planar RF Transistor
20-Jan-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
Silicon NPN Planar RF Transistor
20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
Silicon NPN Planar RF Transistor
30-Jun-00
TSDF2020W VISHAY-TSDF2020W Datasheet
62Kb / 4P
25 GHz Silicon NPN Planar RF Transistor
02-May-02
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
Silicon NPN Planar RF Transistor
02-May-05
TSDF1205 VISHAY-TSDF1205_05 Datasheet
221Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
02-May-05
TSDF1205 VISHAY-TSDF1205_08 Datasheet
342Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
08-Sep-08
TSDF1220 VISHAY-TSDF1220_08 Datasheet
342Kb / 7P
12 GHz Silicon NPN Planar RF Transistor
08-Sep-08
TSDF1920W VISHAY-TSDF1920W_08 Datasheet
172Kb / 5P
25 GHz Silicon NPN Planar RF Transistor
05-Sep-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com