Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAV0010TP Datasheet(PDF) 1 Page - AVX Corporation

Part # MAV0010TP
Description  Low Power AC and Low Capacitance DC Circuit Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MAV0010TP Datasheet(HTML) 1 Page - AVX Corporation

  MAV0010TP Datasheet HTML 1Page - AVX Corporation MAV0010TP Datasheet HTML 2Page - AVX Corporation MAV0010TP Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
61
GENERAL DESCRIPTION
AVX Miniature AC Varistors are designed for use in low power
AC circuit protection. MAV series devices are an ideal
solution to transient suppression in LC resonant circuits
intended for signal & power transfer. The AVX part provides
low loss in the resonant circuit yet is able to clamp large
amounts of transients in a bi-directional manner.
The ability to handle large transients makes the MAV series
useful in low power AC circuit protection and the AEC Q200
qualification allows for use in automotive applications.
Low capacitance makes these parts useful also for higher DC
voltage data lines and other capacitance sensitive
applications.
HOW TO ORDER
MAV
Series
002
Size
001 = 0603
002 = 0405
004 = 0402
0
Capacitance
0 = Low
W
Packaging
D = 7" reel (1,000 pcs)
R = 7" reel (4,000 pcs)
T = 13" reel (10,000 pcs)
W = 7" Reel (10,000 pcs 0402 only)
P
Termination
P = Plated Sn over Ni barrier
Miniature AC Varistor – MAV
Low Power AC and Low Capacitance DC Circuit Protection
FEATURES
• 110 Pk-Pk @ 125kHz capability
• AEC Q200 qualified
• ESD rated to 25kV (HBM ESD Level 6)
• EMI/RFI attenuation in off state
• Bi-Directional protection
GENERAL
CHARACTERISTICS
• Operating Temperature: -55 to
+125ºC
• Working Voltage: 70Vdc / 52Vac
• Case Size: 0402, 0603, 0405 2xArray
APPLICATIONS
• LC resonant circuits
• AC sampling circuitry
• Transformer secondaries
• GFI modules
• Immobilizers
• Keyless entry
• Data lines
• Capacitance sensitive
applications and more
ANTENNAGUARD CATALOG PART NUMBERS/ELECTRICAL VALUES
AVX Part Number
VW (DC)
VW (AC)
VB
VC
IVC
ET
IP
IL
Cap
Elements
MAV0010_P
70
52
120 ±15%
225
1
0.015
2
10
22pF Max
1
MAV0020_P
70
52
120 ±15%
225
1
0.020
3
10
8pF Max
2
MAV0040_P
70
52
120 ± 15%
225
1
0.020
1
10
6pF Max
1
V
W (DC)
DC Working Voltage [V]
V
W (AC)
AC Working Voltage [V]
V
B
Breakdown Voltage [V @ 1mA
DC]
V
C
Clamping Voltage [V @ I
VC]
I
L
Maximum leakage current at the working voltage [μA]
E
T
Transient Energy Rating [J, 10x100μS]
I
P
Peak Current Rating [A, 8x10μS]
Cap
Maximum capacitance @ 1MHz and 0.5V
RMS
Packaging Code


Similar Part No. - MAV0010TP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
MAV0010TP AVX-MAV0010TP Datasheet
128Kb / 4P
Miniature AC Varistor
MAV0010TP AVX-MAV0010TP Datasheet
354Kb / 4P
Miniature AC Varistor ??MAV Low Power AC Circuit Protection
More results

Similar Description - MAV0010TP

ManufacturerPart #DatasheetDescription
logo
Rohm
RSB12Z ROHM-RSB12Z Datasheet
140Kb / 3P
Low Capacitance Protection Device
RSB12JS2 ROHM-RSB12JS2_11 Datasheet
992Kb / 3P
Low Capacitance Protection Device
RSB12W ROHM-RSB12W_11 Datasheet
1Mb / 3P
Low Capacitance Protection Device
logo
AVX Corporation
MAV0040WP AVX-MAV0040WP Datasheet
354Kb / 4P
Miniature AC Varistor ??MAV Low Power AC Circuit Protection
logo
Rohm
RSB12ZT2L ROHM-RSB12ZT2L Datasheet
234Kb / 3P
Low Capacitance Protection Device
logo
STMicroelectronics
ESDALCL6-2SC6 STMICROELECTRONICS-ESDALCL6-2SC6 Datasheet
231Kb / 7P
Very low capacitance and low leakage current ESD protection
02-Apr-6100
logo
SeCoS Halbleitertechnol...
KS05VL4 SECOS-KS05VL4_18 Datasheet
160Kb / 2P
Low Capacitance ESD Protection
logo
Semtech Corporation
RCLAMP3521ZA SEMTECH-RCLAMP3521ZA Datasheet
1Mb / 8P
Low Capacitance ESD and EOS Protection
logo
Shanghai Yint Electroni...
ESDSLVU2.8-4 YINT-ESDSLVU2.8-4 Datasheet
842Kb / 4P
Low Capacitance ESD Protection
logo
Littelfuse
AQ3400 LITTELFUSE-AQ3400 Datasheet
1Mb / 5P
Low Capacitance ESD Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com