Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALCL6-2SC6 Datasheet (PDF) - STMicroelectronics

ESDALCL6-2SC6 Datasheet PDF - STMicroelectronics
Part # ESDALCL6-2SC6
Download  ESDALCL6-2SC6 Download
File Size   231.57 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low capacitance and low leakage current ESD protection

ESDALCL6-2SC6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDALCL6-2SC6 Datasheet PDF - STMicroelectronics

Part # ESDALCL6-2SC6
Download  ESDALCL6-2SC6 Click to download

File Size   231.57 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Very low capacitance and low leakage current ESD protection

ESDALCL6-2SC6 Datasheet (HTML) - STMicroelectronics


ESDALCL6-2SC6 Product details

Description
The ESDALCL6-2SC6 is a monolithic application specific device dedicated to ESD protection of high speed interfaces, such as USB 2.0, ethernet links and video lines. The very low line capacitance secures a high level of signal integrity without compromising in protecting sensitive chips against the most stringently characterized ESD strikes. Its low leakage current makes it suitable for portable equipment.

Features
■ 2 data-line protection
■ Protects VBUS
■ Very low capacitance: 2.5 pF typ.
■ Very low leakage current: – 10 nA at 3 V – 1 nA at 1 V
■ RoHS compliant Complies with the following standards:
■ IEC 61000-4-2 level 4 and higher: – 30 kV (air discharge) – 15 kV (contact discharge)
■ MIL STD883G-Method 3015-7 – 25 kV (human body model)

Applications
■ USB 2.0 ports up to 480 Mb/s (high speed)
■ Compatible with USB 2.0
■ Ethernet port: 10/100 Mb/s
■ SIM card protection
■ Video line protection
■ Portable healthcare equipment




Similar Part No. - ESDALCL6-2SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALCL6-4P6A STMICROELECTRONICS-ESDALCL6-4P6A Datasheet
212Kb / 7P
Multi-line low capacitance and low leakage current ESD protection
30-Oct-2012
More results


Similar Description - ESDALCL6-2SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-2 STMICROELECTRONICS-USBLC6-2 Datasheet
136Kb / 11P
VERY LOW CAPACITANCE ESD PROTECTION
07-Jun-2005
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
150Kb / 10P
VERY LOW CAPACITANCE ESD PROTECTION
28-Feb-2005
USBLC6-2 STMICROELECTRONICS-USBLC6-2_08 Datasheet
234Kb / 14P
Very low capacitance ESD protection
20-Mar-2008
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
Very low capacitance ESD protection
04-Feb-2008
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
Very Low Capacitance ESD Protection
logo
STMicroelectronics
ESDALCL5-1BM2 STMICROELECTRONICS-ESDALCL5-1BM2 Datasheet
262Kb / 12P
Single-line low capacitance and low leakage current ESD protection
31-Oct-2012
ESDALCL6-4P6A STMICROELECTRONICS-ESDALCL6-4P6A Datasheet
212Kb / 7P
Multi-line low capacitance and low leakage current ESD protection
30-Oct-2012
logo
Pan Jit International I...
PE1605M2AQ PANJIT-PE1605M2AQ Datasheet
447Kb / 5P
Very Low Capacitance Esd Protection
May 4,2021 PE1605M2AQ-REV.02
PEC2305C2E PANJIT-PEC2305C2E Datasheet
302Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2305C2E-REV.01
PEC2305C4E5 PANJIT-PEC2305C4E5 Datasheet
228Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2305C4E5-REV.01
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com