Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALCL6-2SC6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDALCL6-2SC6
Description  Very low capacitance and low leakage current ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL6-2SC6 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDALCL6-2SC6 Datasheet HTML 1Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 2Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 3Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 4Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 5Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 6Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This is information on a product in full production.
October 2012
Doc ID 023868 Rev 1
1/7
7
ESDALCL6-2SC6
Very low capacitance and low leakage current ESD protection
Datasheet
production data
Features
2 data-line protection
Protects VBUS
Very low capacitance: 2.5 pF typ.
Very low leakage current:
– 10 nA at 3 V
– 1 nA at 1 V
RoHS compliant
Complies with the following standards:
IEC 61000-4-2 level 4 and higher:
– 30 kV (air discharge)
– 15 kV (contact discharge)
MIL STD883G-Method 3015-7
– 25 kV (human body model)
Applications
USB 2.0 ports up to 480 Mb/s (high speed)
Compatible with USB 2.0
Ethernet port: 10/100 Mb/s
SIM card protection
Video line protection
Portable healthcare equipment
Description
The ESDALCL6-2SC6 is a monolithic application
specific device dedicated to ESD protection of
high speed interfaces, such as USB 2.0, ethernet
links and video lines.
The very low line capacitance secures a high level
of signal integrity without compromising in
protecting sensitive chips against the most
stringently characterized ESD strikes.
Its low leakage current makes it suitable for
portable equipment.
Figure 1.
Functional diagram (top view)
SOT23-6L
ESDALCL6-2SC6
11
6
2
5
3
4
I/O1
I/O1
GND
VBUS
I/O2
I/O2
www.st.com


Similar Part No. - ESDALCL6-2SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALCL6-4P6A STMICROELECTRONICS-ESDALCL6-4P6A Datasheet
212Kb / 7P
Multi-line low capacitance and low leakage current ESD protection
30-Oct-2012
More results

Similar Description - ESDALCL6-2SC6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBLC6-2 STMICROELECTRONICS-USBLC6-2 Datasheet
136Kb / 11P
VERY LOW CAPACITANCE ESD PROTECTION
07-Jun-2005
USBLC6-4SC6 STMICROELECTRONICS-USBLC6-4SC6 Datasheet
150Kb / 10P
VERY LOW CAPACITANCE ESD PROTECTION
28-Feb-2005
USBLC6-2 STMICROELECTRONICS-USBLC6-2_08 Datasheet
234Kb / 14P
Very low capacitance ESD protection
20-Mar-2008
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
Very low capacitance ESD protection
04-Feb-2008
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
Very Low Capacitance ESD Protection
logo
STMicroelectronics
ESDALCL5-1BM2 STMICROELECTRONICS-ESDALCL5-1BM2 Datasheet
262Kb / 12P
Single-line low capacitance and low leakage current ESD protection
31-Oct-2012
ESDALCL6-4P6A STMICROELECTRONICS-ESDALCL6-4P6A Datasheet
212Kb / 7P
Multi-line low capacitance and low leakage current ESD protection
30-Oct-2012
logo
Pan Jit International I...
PE1605M2AQ PANJIT-PE1605M2AQ Datasheet
447Kb / 5P
Very Low Capacitance Esd Protection
May 4,2021 PE1605M2AQ-REV.02
PEC2305C2E PANJIT-PEC2305C2E Datasheet
302Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2305C2E-REV.01
PEC2305C4E5 PANJIT-PEC2305C4E5 Datasheet
228Kb / 5P
VERY LOW CAPACITANCE ESD PROTECTION
August 10,2022 PEC2305C4E5-REV.01
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com