Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALCL6-2SC6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDALCL6-2SC6
Description  Very low capacitance and low leakage current ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL6-2SC6 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDALCL6-2SC6 Datasheet HTML 1Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 2Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 3Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 4Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 5Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 6Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ESDALCL6-2SC6
Characteristics
Doc ID 023868 Rev 1
3/7
Figure 2.
Capacitance versus voltage
(typical values)
Figure 3.
Line capacitance versus frequency
(typical values)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
C(pF)
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
C =I/O-I/O
j
C =I/O-GND
O
Data line voltage (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
1
10
100
1000
C(pF)
V
=30mV
T =25°C
OSC
RMS
j
V
=0V to 3.3V
LINE
F(MHz)
Figure 4.
Leakage current versus junction
temperature (typical values,
VR =1V)
Figure 5.
Leakage current versus reverse
applied voltage (typical values)
1
10
100
1000
10000
0
20
40
60
80
100
120
140
IR(pA)
T (°C)
j
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
123
456
78
IR(pA)
V
R
(V)
Figure 6.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
Figure 7.
ESD response to IEC 6100-4-2
(-8 kV contact discharge)
20 V/div
138 V
23 V
19 V
1
2
3
3V
4
V : ESD peak voltage
V :clamping voltage at 30 ns
V :clamping voltage at 60 ns
PP
CL
CL
V :clamping voltage at 100 ns
CL
1
2
3
4
20 ns/div
20 V/div
-5 V
-2 V
4
3
20 ns/div
V : ESD peak voltage
V :clamping voltage at 30 ns
V :clamping voltage at 60 ns
PP
CL
CL
V :clamping voltage at 100 ns
CL
1
2
3
4
-81 V
1
-5 V
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com