Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDALCL6-2SC6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDALCL6-2SC6
Description  Very low capacitance and low leakage current ESD protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALCL6-2SC6 Datasheet(HTML) 4 Page - STMicroelectronics

  ESDALCL6-2SC6 Datasheet HTML 1Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 2Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 3Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 4Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 5Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 6Page - STMicroelectronics ESDALCL6-2SC6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering information scheme
ESDALCL6-2SC6
4/7
Doc ID 023868 Rev 1
2
Ordering information scheme
Figure 10.
Ordering information scheme
Figure 8.
S21 attenuation measurement
result
Figure 9.
USB2.0 eye diagram
-3dB
100.0k
1.0M
10.0M
100.0M
1.0G
-20.00
-15.00
-10.00
-5.00
0.00
F(Hz)
S21(dB)
347.2 ps/div
200 mV/div
ESDA LC L 6 - 2 SC 6
ESD array
Low capacitance
Package
Low leakage
Breakdown voltage
Number of lines
2
6 = 6 Volts minimum
= 2 lines
6 = 6 leads
SC = SOT-23



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com