Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAN0006TP Datasheet(PDF) 2 Page - AVX Corporation

Part # CAN0006TP
Description  Communication BUS Varistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CAN0006TP Datasheet(HTML) 2 Page - AVX Corporation

  CAN0006TP Datasheet HTML 1Page - AVX Corporation CAN0006TP Datasheet HTML 2Page - AVX Corporation CAN0006TP Datasheet HTML 3Page - AVX Corporation CAN0006TP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
41
080216
Communication BUS Varistor
EQUIVALENT CIRCUIT MODEL
Discrete MLV Model
S21 CHARACTERISTICS
PCB
Trace
To Device
Requiring
Protection
RV
C
RP
Ron
LP
Solder Pad
Where: Rv
=
Voltage Variable resistance (per VI curve)
Rp
≥1012 Ω
C
=
defined by voltage rating and energy level
Ron =
turn on resistance
Lp
=
parallel body inductance
0
1
10
100
1000
10000
Frequency (MHz)
10.0
0.0
-10.0
-20.0
-30.0
-40.0
-50.0
CAN0001
CAN0005
FLX0005
5
0
-5
-10
-15
-20
-25
-30
Frequency (MHz)
0.1
1
10
100
1000
10000
CAN0007
10000
1000
100
10
10
100
1000
10000
Pulse Duration (µS)
Typical Pulse Rating Curve
DIODE PROTECTION METHOD
THREE COMPONENT SOLUTION
TVS + EMI
XCVR
TVS Diodes
MultiLayer Varistors (MLVs)
BUS
EMC
CAP
MLV PROTECTION METHOD
SINGLE COMPONENT SOLUTION
TVS & EMI
XCVR
BUS
TYPICAL MLV IMPLEMENTATION
TYPICAL PULSE RATING CURVE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com