Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAN0006TP Datasheet(PDF) 4 Page - AVX Corporation

Part # CAN0006TP
Description  Communication BUS Varistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CAN0006TP Datasheet(HTML) 4 Page - AVX Corporation

  CAN0006TP Datasheet HTML 1Page - AVX Corporation CAN0006TP Datasheet HTML 2Page - AVX Corporation CAN0006TP Datasheet HTML 3Page - AVX Corporation CAN0006TP Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
43
080216
Communication BUS Varistor
FlexRayTM
CAN
Powertrain
Body Control
Module/CAN
Gateway
Instrument
Cluster
Smart
Junction Box
Dash Board
Node
HVAC
Door
Module
Wheel Node
Wheel Node
Wheel Node
Wheel Node
X-by-Wire Master
= CAN0001
= Feedthru Cap
= MultiGuard
= Tantalum
LEDS
Lamps
Tachometer
(Stepper Motor)
Speedometer
(Stepper Motor)
NTC Based
Temp. Sensor
Fl L
l
Lamp/
LED Drvr
8V Reg
5V Reg
Physical
Interface
DDC
BATT
Gauge
Motor
Drvr
LCD
Module
MCU
CAN
BUS
APPLICATION
AVX CAN BUS and FlexRay varistors offer
significant advantages in general areas of a
typical CAN or FlexRay network as shown
on the right. Some of the advantages over
diodes include:
• space savings
• higher ESD capability @ 25kV contact
• higher in rush current (4A) 8 x 20μS
• FIT rate ≤0.1 failures (per billion hours)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com