Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4951 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP4951
Description  Adjustable Micropower Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP4951 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP4951 Datasheet HTML 1Page - National Semiconductor (TI) LP4951 Datasheet HTML 2Page - National Semiconductor (TI) LP4951 Datasheet HTML 3Page - National Semiconductor (TI) LP4951 Datasheet HTML 4Page - National Semiconductor (TI) LP4951 Datasheet HTML 5Page - National Semiconductor (TI) LP4951 Datasheet HTML 6Page - National Semiconductor (TI) LP4951 Datasheet HTML 7Page - National Semiconductor (TI) LP4951 Datasheet HTML 8Page - National Semiconductor (TI) LP4951 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Electrical Characteristics
LP4951C
Parameter
Conditions (Note 2)
Typ
Tested
Limit (Note
3)
Desgin
Limit (Note
4)
Units
8-PIN VERSIONS ONLY
Reference Voltage
1.235
1.285
V max
1.295
V max
1.185
V min
1.165
Vmin
Reference Voltage
(Note 7)
1.335
V max
1.135
V min
Feedback Pin Bias
Current
20
40
nA max
60
nA max
Reference Voltage
Temperature Coefficient
(Note 12)
50
ppm/˚C
Feedback Pin Bias
Current Temperature
Coefficient
0.1
nA/˚C
Error Comparator
Output Leakage Current
VOH = 30V
0.01
1
µA max
2
µA max
Output Low Voltage
V
IN = 4.5V
I
OL = 400µA
150
250
mV max
400
mV max
Upper Threshold Voltage
(Note 4)
60
40
mV min
25
mV min
Lower Threshold Voltage
(Note 6)
75
95
mV max
140
mV max
Hysteresis
(Note 6)
15
mV
Shutdown Input
Input Logic Voltage
1.3
V
Low (Regulator ON)
0.7
V max
High (Regulator OFF)
2.0
V min
Shutdown Pin Input
Current
V
SHUTDOWN = 2.4V
30
50
µA max
100
µA max
V
SHUTDOWN = 30V
450
600
µA max
750
µA max
Regulator Output Current
in Shutdown
(Note 11)
3
10
µA max
20
µA max
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: Unless otherwise specified all limits guaranteed for VIN =6V, IL = 100µA and CL = 1µF. Limits appearing in boldface type apply over the entire junction
temperature range for operation. Limits appearing in normal type apply for TA =TJ = 25˚C. Additional conditions for the 8-pin versions are FEEDBACK tied to VTAP,
OUTPUT tied to SENSE (VOUT = 5V), and VSHUTDOWN ≤ 0.8V.
Note 3: Guaranteed and 100% production tested.
Note 4: Guaranteed but not 100% production tested. These limits are not used to calculate outgoing AQL levels.
Note 5: Dropout Voltage is defined as the input to output differential at which the output voltage drops 100 mV below its nominal value measured at 1V differential.
At very low values of programmed output voltage, the minimum input supply voltage of 2V (2.3V over temperature) must be taken into account.
Note 6: Comparator thresholds are expressed in terms of a voltage differential at the Feedback terminal below the nominal reference voltage measured at VIN =
6V. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT/VREF = (R1 + R2)/R2.For example, at a programmed
output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95 mV x 5V/1.235V = 384 mV.Thresholds remain constant as a percent of
VOUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal, 7.5% guaranteed.
Note 7: VREF ≤ VOUT ≤ (VIN − 1V), 2.3V ≤ VIN ≤ 30V, 100µA ≤ IL ≤ 100mA, TJ ≤ TJMAX.
Note 8: The junction-to-ambient thermal resistances are as follows: 180˚C/W and 160˚C/W for the TO-92 package with 0.40 inch and 0.25 inch leads to the printed
circuit board (PCB) respectively, 160˚C/W for the molded plastic SOP (M). The above thermal resistances for the M package apply when the package is soldered
directly to the PCB.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com