Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4951 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP4951
Description  Adjustable Micropower Voltage Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP4951 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LP4951 Datasheet HTML 6Page - National Semiconductor (TI) LP4951 Datasheet HTML 7Page - National Semiconductor (TI) LP4951 Datasheet HTML 8Page - National Semiconductor (TI) LP4951 Datasheet HTML 9Page - National Semiconductor (TI) LP4951 Datasheet HTML 10Page - National Semiconductor (TI) LP4951 Datasheet HTML 11Page - National Semiconductor (TI) LP4951 Datasheet HTML 12Page - National Semiconductor (TI) LP4951 Datasheet HTML 13Page - National Semiconductor (TI) LP4951 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Hints (Continued)
PROGRAMMING THE OUTPUT VOLTAGE (LP4951C)
The LP4951C may be pin-strapped for 5V using its internal
voltage divider by tying the pin 1 (output) to pin 2 (sense)
pins together, and also tying the pin 7 (feedback) and pin 6
(V
TAP) pins together. Alternatively, it may be programmed for
any output voltage between its 1.235V reference and its 30V
maximum rating. As seen in Figure 2, an external pair of
resistors is required.
The complete equation for the output voltage is
where V
REF is the nominal 1.235 reference voltage and IFB is
the feedback pin bias current, nominally −20 nA. The mini-
mum recommended load current of 1µA forces an upper limit
of 1.2 M
Ω on the value of R
2, if the regulator must work with
no load (a condition often found in CMOS in standby). I
FB will
produce a 2% typical error in V
OUT which may be eliminated
at room temperature by trimming R
1. For better accuracy,
choosing R
2 = 100k reduces this error to 0.17% while in-
creasing the resistor program current to 12µA. Since the
LP4951C typically draws 60µA at no load with Pin 2 open-
circuited, this is a small price to pay.
REDUCING OUTPUT NOISE
In reference applications it may be advantageous to reduce
the AC noise present at the output. One method is to reduce
the regulator bandwidth by increasing the size of the output
capacitor. This is the only way noise can be reduced on the
3 lead LP4950C but is relatively inefficient, as increasing the
capacitor from 1µF to 220µF only decreases the noise from
430µV to 160µV rms for a 100kHz bandwidth at 5V output.
Noise can be reduced fourfold by a bypass capacitor across
R
1, since it reduces the high frequency gain from 4 to unity.
Pick
or about 0.01µF. When doing this, the output capacitor must
be increased to 3.3µF to maintain stability. These changes
reduce the output noise from 430µV to 100µV rms for a
100kHz bandwidth at 5V output. With the bypass capacitor
added, noise no longer scales with output voltage so that
improvements are more dramatic at higher output voltages.
20052820
*When VIN ≤ 1.3V, the error flag pin becomes a high impedance, and the
error flag voltage rises to its pull-up voltage. Using VOUT as the pull-up
voltage (see Figure 2), rather than an external 5V source, will keep the
error flag voltage under 1.2V (typ.) in this condition. The user may wish to
divide down the error flag voltage using equal-value resistors (10 k
Ω
suggested), to ensure a low-level logic signal during any fault condition,
while still allowing a valid high logic level during normal operation.
FIGURE 1. ERROR Output Timing
20052807
*See Application Hints
**Drive with TTL-high to shut down. Ground or leave open if shutdown
feature is not to be used.
Note: Pins 2 and 6 are left open.
FIGURE 2. Adjustable Regulator (LP4951C)
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com