Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC662 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LPC662
Description  Low Power CMOS Dual Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPC662 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LPC662 Datasheet HTML 1Page - National Semiconductor (TI) LPC662 Datasheet HTML 2Page - National Semiconductor (TI) LPC662 Datasheet HTML 3Page - National Semiconductor (TI) LPC662 Datasheet HTML 4Page - National Semiconductor (TI) LPC662 Datasheet HTML 5Page - National Semiconductor (TI) LPC662 Datasheet HTML 6Page - National Semiconductor (TI) LPC662 Datasheet HTML 7Page - National Semiconductor (TI) LPC662 Datasheet HTML 8Page - National Semiconductor (TI) LPC662 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LPC662
Low Power CMOS Dual Operational Amplifier
General Description
The LPC662 CMOS Dual operational amplifier is ideal for
operation from a single supply. It features a wide range of
operating voltage from +5V to +15V, rail-to-rail output swing
in addition to an input common-mode range that includes
ground. Performance limitations that have plagued CMOS
amplifiers in the past are not a problem with this design. In-
put V
OS, drift, and broadband noise as well as voltage gain
(into 100 k
Ω and5kΩ) are all equal to or better than widely
accepted bipolar equivalents, while the power supply re-
quirement is typically less than 0.5 mW.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LPC660 datasheet for a Quad CMOS operational
amplifier and LPC661 for a single CMOS operational ampli-
fier with these same features.
Applications
n High-impedance buffer
n Precision current-to-voltage converter
n Long-term integrator
n High-impedance preamplifier
n Active filter
n Sample-and-Hold circuit
n Peak detector
Features
n Rail-to-rail output swing
n Micropower operation (<0.5 mW)
n Specified for 100 k
Ω and5kΩ loads
n High voltage gain
120 dB
n Low input offset voltage
3 mV
n Low offset voltage drift
1.3 µV/˚C
n Ultra low input bias current
2 fA
n Input common-mode includes GND
n Operating range from +5V to +15V
n Low distortion
0.01% at 1 kHz
n Slew rate
0.11 V/µs
n Full military temperature range available
Connection Diagram
Ordering Information
Package
Temperature Range
NSC
Drawing
Transport
Media
Military
Industrial
8-Pin
LPC662AMD
D08C
Rail
Side Brazed
Ceramic DIP
8-Pin
LPC662AIM
M08A
Rail
Small Outline
or LPC662IM
Tape and Reel
8-Pin
LPC662AIN
N08E
Rail
Molded DIP
or LPC662IN
8-Pin
LPC662AMJ/883
J08A
Rail
Ceramic DIP
8-Pin DIP/SO
DS010548-1
Top View
March 1998
© 1999 National Semiconductor Corporation
DS010548
www.national.com


Similar Part No. - LPC662

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LPC662 TI1-LPC662 Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
LPC662 TI2-LPC662 Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
August 2000
LPC662AIM TI1-LPC662AIM Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
LPC662AIM/NOPB TI1-LPC662AIM/NOPB Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
LPC662AIM/NOPB TI2-LPC662AIM/NOPB Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
August 2000
More results

Similar Description - LPC662

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
Low Power CMOS Dual Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
Low Power CMOS Operational Amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
CMOS Low power dual operational amplifier
logo
Advanced Linear Devices
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
Low Power CMOS Operational Amplifier
LPC662 NSC-LPC662_14 Datasheet
644Kb / 20P
Low Power CMOS Dual Operational Amplifier
logo
Texas Instruments
LMC6022IMX TI-LMC6022IMX Datasheet
1Mb / 22P
LMC6022 Low Power CMOS Dual Operational Amplifier
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
CMOS Low power dual operational amplifier
logo
Texas Instruments
LPC662 TI1-LPC662 Datasheet
644Kb / 20P
LPC662 Low Power CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com