Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT230XS-R Datasheet(PDF) 27 Page - Future Technology Devices International Ltd.

Part # FT230XS-R
Description  Future Technology Devices International Ltd.
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT230XS-R Datasheet(HTML) 27 Page - Future Technology Devices International Ltd.

Back Button FT230XS-R Datasheet HTML 23Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 24Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 25Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 26Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 27Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 28Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 29Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 30Page - Future Technology Devices International Ltd. FT230XS-R Datasheet HTML 31Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
Copyright © Future Technology Devices International Limited
27
FT230X USB TO BASIC UART IC
Version 1.4
Document No.: FT_000566 Clearance No.: FTDI# 260
7.3 USB to RS422 Converter
FT230X
1
2
3
4
5
SHIELD
Ferrite
Bead
GND
GND
VCC
GND
VCC
3V3OUT
USBDM
USBDP
VCCIO
VCC
RESET#
100nF
100nF
10nF
4.7uF
+
RS 422 LEVEL
CONVERTER
Vcc
ZT3491
5
3
4
7
6
10
9
11
12
RS 422 LEVEL
CONVERTER
ZT3491
3
4
7
6
Vcc
Vcc
10K
2
5
11
12
9
10
GND
SHIELD
TXDM
TXDP
RXDP
RXDM
RTSM
RTSP
CTSP
CTSM
2
RXD
TXD
RTS#
CTS#
PWREN#
SLEEP#
27R
27R
GND
47pF
47pF
VCCIO
RXD
TXD
RTS
CTS
Figure 7.3 USB to RS422 Converter Configuration
An example of using the FT230X as a USB to RS422 converter is shown in Figure 7.3. In this application,
two TTL to RS422 Level Converter ICs are used on the serial UART interface of the FT230X to convert the
TTL levels of the FT230X to RS422 levels. There are many suitable level converter devices available. This
example uses Zywyn ZT3491 devices which have enables on both the transmitter and receiver. Since the
ZT3491 transmitter enable is active high, it is connected to a CBUS pin in SLEEP# configuration. The
ZT3491 receiver enable is active low and is therefore connected to a CBUS pin PWREN# configuration.
This ensures that when both the ZT3491 transmitters and receivers are enabled then the device is active,
and when the device is in USB suspend mode, the ZT3491 transmitters and receivers are disabled. If a
similar application is used, but the design is USB BUS powered, it may be necessary to use a P-Channel
logic level MOSFET (controlled by PWREN#) in the VCC line of the ZT3491 devices to ensure that the USB
standby current of 2.5mA is met.
The ZT3491 is specified to transmit and receive data at a rate of up to 16 Mbaud. In this example the
maximum data rate is limited to 3 Mbaud by the FT230X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com