Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT3811A Datasheet(PDF) 38 Page - Micronas

Part # VCT3811A
Description  Video/Controller/Teletext IC Family
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3811A Datasheet(HTML) 38 Page - Micronas

Back Button VCT3811A Datasheet HTML 34Page - Micronas VCT3811A Datasheet HTML 35Page - Micronas VCT3811A Datasheet HTML 36Page - Micronas VCT3811A Datasheet HTML 37Page - Micronas VCT3811A Datasheet HTML 38Page - Micronas VCT3811A Datasheet HTML 39Page - Micronas VCT3811A Datasheet HTML 40Page - Micronas VCT3811A Datasheet HTML 41Page - Micronas VCT3811A Datasheet HTML 42Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 172 page
background image
VCT 38xxA
ADVANCE INFORMATION
38
Micronas
h’18
h’19
h’1a
h’1d
h’1c
h’1b
8
r
measurement result registers
minimum in active picture
maximum in active picture
white drive
cutoff/leakage red
cutoff/leakage green
cutoff/leakage blue,
read pulse starts tube measurement
−
MRMIN
MRMAX
MRWDR
MRCR
MRCG
MRCB
h’1e
8
r
measurement adc status and Fast-Blank input status
measurement status register
bit [0]
0/1
tube measurement active / complete
bit [2:1]
white drive measurement cycle
00
red
01
green
10
blue
11
reserved
bit [3]
0/1
picture measurement active / complete
bit [4]
0/1
Fast-Blank input Low / High (static)
bit [5]
1
Fast-Blank input negative transition since
last read (bit reset at read)
bit [7:6]
reserved
− PMS
Vertical Timing
h’67
9
w v
vertical blanking start
bit [8:0]
0..511
first line of vertical blanking
305
VBST
h’77
9
w v
vertical blanking stop
bit [8:0]
0..511
last line of vertical blanking
25
VBSO
h’5f
9
w v
vertical free run period
bit [8:0] free running field period = (value+4) lines
309
VPER
Horizontal Deflection and Timing
h’7a
9
w v
quadratic term of angle & bow correction
bit [8:0]
−256..+255
(
± 500 ns)
0BOW
h’76
9
w v
linear term of angle & bow correction
bit [8:0]
−256..+255
(
± 500 ns)
0ANGLE
h’6e
9
w v
adjustable delay of PLL2, clamping, and blanking (relative to
front sync)
adjust clamping pulse for analog RGB input
bit [8:0]
−256..+255
(
± 8 µs)
−141 POFS2
h’72
9
w v
adjustable delay of flyback, main sync, csync and analog RGB
(relative to PLL2)
adjust horizontal drive or csync
bit [8:0]
−256..+255
(
± 8 µs)
0POFS3
h’7e
9
w v
adjustable delay of main sync (relative to flyback)
adjust horizontal position for digital picture
bit [8:0]
20 steps=1
µs
120 HPOS
h’5b
9
w v
start of horizontal blanking
bit [8:0]
0..511
1 HBST
I2C Sub
address
Number
of bits
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com