Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT3811A Datasheet(PDF) 41 Page - Micronas

Part # VCT3811A
Description  Video/Controller/Teletext IC Family
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3811A Datasheet(HTML) 41 Page - Micronas

Back Button VCT3811A Datasheet HTML 37Page - Micronas VCT3811A Datasheet HTML 38Page - Micronas VCT3811A Datasheet HTML 39Page - Micronas VCT3811A Datasheet HTML 40Page - Micronas VCT3811A Datasheet HTML 41Page - Micronas VCT3811A Datasheet HTML 42Page - Micronas VCT3811A Datasheet HTML 43Page - Micronas VCT3811A Datasheet HTML 44Page - Micronas VCT3811A Datasheet HTML 45Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 172 page
background image
ADVANCE INFORMATION
VCT 38xxA
Micronas
41
h’14e
Status of automatic standard recognition
bit[0]
1
error of the vertical standard (neither 50 nor 60 Hz)
bit[1]
1
detected standard is disabled
bit[2]
1
search active
bit[3]
1
search terminated, but failed
bit[4]
1
no color found
bit[5]
1
standard has been switched (since last reset of this
flag with bit[11] of asr_enable)
bit[4:0]
00000
all ok
00001
search not started, because vwin error detected
(no input or SECAM L)
00010
search not started, because detected vert. standard
not enabled
0x1x0
search started and still active
01x00
search failed (found standard not correct)
01x10
search failed, (detected color standard not enabled)
10000
no color found (monochrome input or switch betw.
CVBS/SVHS necessary)
0
ASR_STATUS
VWINERR
DISABLED
BUSY
FAILED
NOCOLOR
SWITCH
h’21
Input select:
writing to this register will also initialize the standard
bit[1:0]
luma selector
00
VIN1
01
VIN2
10
VIN3
11
VIN4
bit[2]
chroma selector
0CIN1
1CIN2
bit[4:3]
IF compensation
00
off
01
6 dB/Okt
10
12 dB/Okt
11
10 dB/MHz only for SECAM
bit[6:5]
chroma bandwidth selector
00
narrow
01
normal
10
broad
11
wide
bit[7]
0/1
adaptive/fixed SECAM notch filter
bit[8]
0/1
enable luma lowpass filter
bit[10:9]
hpll speed
00
no change
01
terrestrial
10
vcr
11
mixed
bit[11]
status bit, write 0, this bit is set to 1 to indicate
operation complete.
00
0
00
01
INSEL
VIS
CIS
IFC
CBW
FNTCH
LOWP
HPLLMD
h’22
Available for versions with panorama scaler only!
picture start position, this register sets the start point of active video,
this can be used e.g. for panning. The setting is updated when ’sdt’
register is updated.
0SFIF
h’23
luma/chroma delay adjust. The setting is updated when ’sdt’ register is
updated.
bit[5:0]
reserved, set to zero
bit[11:6]
luma delay in clocks, allowed range is +1 ...
−7
0LDLY
FP Sub-
address
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com