Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC1556 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # AC1556
Description  1200 TO 1700 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC1556 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  AC1556 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC1556 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS ARE IN INCHES [MILLIMETERS]
SPECIFICATIONS*
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
Rev. 9/11
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
1200 TO 1700 MHz
TO-8 CASCADABLE AMPLIFIER
AC1556
Typical Values
AC1556
High Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
28.0 dB
Low Noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.0 dB
High Reverse Isolation . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+42 dB
High Performance Thin Film
Standard Size TO-8 Package
Small Signal Gain (Min.)
28.0 dB
26.5 dB
26.0 dB
Gain Flatness (Max.)
±0.7 dB
±1.0 dB
±1.5 dB
Noise Figure (Max.)
1.0 dB
1.5 dB
2.0 dB
SWR (Max.)
Input/Output
<1.7:1
1.9:1
2.0:1
Power Output (Min.)
@ 1dB comp.
+14.0 dBm
+13.0 dBm
+12.5 dBm
Reverse Isolation
42.0 dB
——
DC Current (Max.)
63 mA
68 mA
74 mA
Guaranteed
Parameter
Typical
0 to 50 °C
-55 to +85 °C
Frequency (Min.)
1100-1700 MHz
1200-1700 MHz
1200-1700 MHz
Typical @ 25 °C; 1400 MHz
AC1556
Second Order Harmonic Intercept Point. . . . . . . . . . . . . . .
+47 dBm
Second Order Two Tone Intercept Point . . . . . . . . . . . . . . .
+42 dBm
Third Order Two Tone Intercept Point . . . . . . . . . . . . . . . . .
+29 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65° to +150 °C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+7 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+20 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . . .
+20 dBm
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+125 °C
Thermal Resistance1 (θjc) . . . . . . . . . . . . . . . . . . . . . . . . . .
+77.7 °C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . . .
+24.5 °C
1 Thermal resistance is based on total power dissipation.
* Measured in a 50-ohm system at +5 Vdc unless otherwise specified.
AC1556
AS1556


Similar Part No. - AC1556

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC155 TELEDYNE-AC155 Datasheet
175Kb / 2P
TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC1556

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC1586 ETC-AC1586 Datasheet
109Kb / 2P
1200 TO 1700 MHz TO-8 CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
AC1215 TELEDYNE-AC1215 Datasheet
178Kb / 2P
0.3 TO 1200 MHz TO-8 CASCADABLE AMPLIFIER
AC1226 TELEDYNE-AC1226 Datasheet
160Kb / 2P
10 TO 1200 MHz TO-8 CASCADABLE AMPLIFIER
AC1227 TELEDYNE-AC1227 Datasheet
175Kb / 2P
0.3 TO 1200 MHz TO-8 CASCADABLE AMPLIFIER
AC1228 TELEDYNE-AC1228 Datasheet
176Kb / 2P
10 TO 1200 MHz TO-8 CASCADABLE AMPLIFIER
AC1532 TELEDYNE-AC1532 Datasheet
174Kb / 2P
1200 TO 1600 MHz TO-8 CASCADABLE AMPLIFIER
AC2356 TELEDYNE-AC2356 Datasheet
130Kb / 1P
1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
AC2386 TELEDYNE-AC2386 Datasheet
131Kb / 1P
1700 TO 2300 MHz TO-8 CASCADABLE AMPLIFIER
AP1296 TELEDYNE-AP1296 Datasheet
162Kb / 2P
30 TO 1200 MHz TO-8 CASCADABLE AMPLIFIER
AP1588 TELEDYNE-AP1588 Datasheet
160Kb / 2P
1200 TO 1600 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com