Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC1556 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC1556
Description  1200 TO 1700 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC1556 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC1556 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC1556 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
AC1556
FREQUENCY - GHz
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Gain vs Temperature Vcc = 5
Noise Figure
KEY: +25
°C
+85
°C
-55
°C
F REQUENCY - GHz
16.0
15.0
14.0
13.0
12.0
11.0
Power Output at 1 dB Compression
60
50
40
30
20
10
Intercept Point
FREQUENCY - GHz
FREQUENCY - GHz
3.0
2.0
1.0
0.0
IP 3
IP 2
2nd HAR
30.0
29.0
28.0
27.0
26.0
A
Model: AC1556
Vcc=+5V
Icc=62.87
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
1000
1.58
1.66
29.01
180
0.52
-46.0
1100
1.59
1.61
28.64
161
0.52
-43.9
1200
1.60
1.55
28.26
143
0.52
-43.2
1300
1.60
1.50
27.99
124
0.51
-42.6
1400
1.54
1.45
27.65
106
0.53
-42.9
1500
1.46
1.43
27.37
89
0.47
-42.5
1600
1.45
1.37
27.47
70
0.51
-42.2
1700
1.46
1.28
27.60
50
0.55
-41.2
1800
1.59
1.21
27.78
28
0.61
-43.3
LINEAR S-PARAMETERS
Model: AC1556
Vcc=+5V
Icc=62.87
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG.
1000
0.22
-58.0
28.22
179.9
0.005
69.8
0.25
62.9
1100
0.23
-74.8
27.02
161.3
0.006
71.7
0.23
52.3
1200
0.23
-93.3
25.88
142.7
0.007
63.9
0.22
42.9
1300
0.23
-112.6
25.09
124.4
0.007
48.8
0.20
34.6
1400
0.21
-133.4
24.13
105.5
0.007
43.2
0.18
29.6
1500
0.19
-150.5
23.35
88.6
0.008
35.3
0.18
20.8
1600
0.18
-173.7
23.62
70.2
0.008
33.4
0.16
11.4
1700
0.19
151.0
23.98
50.3
0.009
13.4
0.12
8.0
1800
0.23
106.4
24.49
28.2
0.007
-1.4
0.09
19.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com