Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP2955G. Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTP2955G.
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP2955G. Datasheet(HTML) 1 Page - ON Semiconductor

  NTP2955G. Datasheet HTML 1Page - ON Semiconductor NTP2955G. Datasheet HTML 2Page - ON Semiconductor NTP2955G. Datasheet HTML 3Page - ON Semiconductor NTP2955G. Datasheet HTML 4Page - ON Semiconductor NTP2955G. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 3
1
Publication Order Number:
NTP2955/D
NTP2955
Power MOSFET
−60 V, −12 A, Single P−Channel, TO−220
Features
• Low RDS(on)
• Rugged Performance
• Fast Switching
• These are Pb−Free Devices*
Applications
• Industrial
• Automotive
• Power Supplies
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
−60
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current (Note 1)
Steady
State
TC = 25°C
ID
−12
A
TC = 85°C
−9.0
Power Dissipation
(Note 1)
TC = 25°C
PD
62.5
W
Continuous Drain
Current (Note 1)
Steady
State
TA = 25°C
ID
−2.4
A
TA = 85°C
−1.8
Power Dissipation
(Note 1)
TA = 25°C
PD
2.4
W
Pulsed Drain Current
tp =10 ms
IDM
−42
A
Operating Junction and Storage Temperature
TJ,
TSTG
−55 to
175
°C
Source Current (Body Diode)
IS
−12
A
Single Pulse Drain−to−Source Avalanche
Energy (VDD = −30 V, VG = −10 V,
IPK = −12 A, L = 3.0 mH, RG = 3.0 W)
EAS
216
mJ
Lead Temperature for Soldering Purposes
(1/8” from case for 10 s)
TL
260
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Case
RqJC
2.4
°C/W
Junction−to−Ambient − Steady State (Note 1)
RqJA
62.5
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. When surface mounted to an FR4 board using 1 in pad size
(Cu. area = 1.127 in sq [1 oz] including traces).
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
D
S
G
P−Channel
−60 V
156 m
W @ −10 V
RDS(on) Typ
−12 A
ID MAX
V(BR)DSS
Device
Package
Shipping
ORDERING INFORMATION
TO−220
CASE 221A
STYLE 5
1
2
3
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
NTP2955G
TO−220
(Pb−Free)
50 Units / Rail
www.onsemi.com
NT2955G
AYWW
DS
D
G
1
MARKING DIAGRAM &
PIN ASSIGNMENT


Similar Part No. - NTP2955G.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP2955G ONSEMI-NTP2955G Datasheet
147Kb / 5P
Power MOSFET ??0 V, ??2 A, Single P?묬hannel, TO??20
March, 2006 ??Rev. 2
logo
VBsemi Electronics Co.,...
NTP2955G VBSEMI-NTP2955G Datasheet
951Kb / 7P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - NTP2955G.

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com