Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP2955G. Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTP2955G.
Description  Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP2955G. Datasheet(HTML) 3 Page - ON Semiconductor

  NTP2955G. Datasheet HTML 1Page - ON Semiconductor NTP2955G. Datasheet HTML 2Page - ON Semiconductor NTP2955G. Datasheet HTML 3Page - ON Semiconductor NTP2955G. Datasheet HTML 4Page - ON Semiconductor NTP2955G. Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTP2955
www.onsemi.com
3
0
5
10
15
20
25
02
468
10
Figure 1. On−Region Characteristics
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = −10 V
−9.5 V
−8.0 V
−7.0 V
−6.0 V
−5.5 V
−5.0 V
−4.5 V
−4.0 V
.
0
5
10
15
20
25
02
46
8
10
Figure 2. Transfer Characteristics
−VGS, GATE−TO−SOURCE VOLTAGE (V)
VGS = −10 V
TJ = 125°C
TJ = 25°C
TJ = −55°C
0
0.1
0.2
0.3
0.4
02
46
8
10
12
14
Figure 3. On−Resistance versus Drain Current
and Temperature
−ID, DRAIN CURRENT (A)
T = 125
°C
T = 25
°C
T = −55
°C
VGS = −10 V
0
0.1
0.2
0.3
0.4
02
4
6
8
10
12
14
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−ID, DRAIN CURRENT (A)
VGS = −10 V
VGS = −15 V
TJ = 25°C
0
0.5
1.0
1.5
2.0
2.5
−50
−25
0
25
50
75
100
125
150
175
Figure 5. On−Resistance Variation
with Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = −12 A
VGS = −10 V
1
10
100
1000
0
1020
304050
60
Figure 6. Drain−to−Source Leakage
versus Voltage
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 125°C
TJ = 100°C
VGS = 0 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com