Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF10ACWM Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF10ACWM
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF10ACWM Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button MF10ACWM Datasheet HTML 9Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 10Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 11Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 12Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 13Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 14Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 15Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 16Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
20 Modes of Operation (Continued)
TABLE I Summary of Modes Realizable filter types (eg low-pass) denoted by asterisks
Unless otherwise noted gains of various filter outputs are inverting and adjustable by resistor ratios
Mode
BP
LP
HP
N
AP
Number of
Adjustable
Notes
Resistors
fCLK fO
1
3No
(2)
May need input buffer
1a
HOBP1 ebQHOLP a 1
2
No
Poor dynamics for
HOBP2 ea1
high Q
2
3
Yes (above fCLK 50
or fCLK 100)
3
4
Yes
Universal State-Variable
Filter Best general-purpose mode
3a
7
Yes
As above but also includes
resistor-tuneable notch
4
3No
Gives Allpass response with
HOAP eb1 and HOLP eb2
5
4
Gives flatter allpass response
than above if R1 e R2 e 002R4
6a
3
Single pole
(2)
6b
HOLP1 ea1
2
Single Pole
HOLP2 e
b
R3
R2
30 Applications Information
The MF10 is a general-purpose dual second-order state
variable filter whose center frequency is proportional to the
frequency of the square wave applied to the clock input
(fCLK) By connecting pin 12 to the appropriate DC voltage
the filter center frequency fO can be made equal to either
fCLK 100 or fCLK 50 fO can be very accurately set (within
g
6%) by using a crystal clock oscillator or can be easily
varied over a wide frequency range by adjusting the clock
frequency If desired the fCLK fO ratio can be altered by
external resistors as in
Figures 9 10 11 13 14 and 15 The
filter Q and gain are determined by external resistors
All of the five second-order filter types can be built using
either section of the MF10 These are illustrated in
Figures 1
through
5 along with their transfer functions and some relat-
ed equations
Figure 6 shows the effect of Q on the shapes
of these curves When filter orders greater than two are
desired two or more MF10 sections can be cascaded
31 DESIGN EXAMPLE
In order to design a second-order filter section using the
MF10 we must define the necessary values of three param-
eters f0 the filter section’s center frequency H0 the pass-
band gain and the filter’s Q These are determined by the
characteristics required of the filter being designed
As an example let’s assume that a system requires a
fourth-order Chebyshev low-pass filter with 1 dB ripple unity
gain at DC and 1000 Hz cutoff frequency As the system
order is four it is realizable using both second-order sec-
tions of an MF10 Many filter design texts include tables that
list the characteristics (fO and Q) of each of the second-or-
der filter sections needed to synthesize a given higher-order
filter For the Chebyshev filter defined above such a table
yields the following characteristics
f0A e 529 Hz
QA e 0785
f0B e 993 Hz
QB e 3559
For unity gain at DC we also specify
H0A e 1
H0B e 1
The desired clock-to-cutoff-frequency ratio for the overall
filter of this example is 100 and a 100 kHz clock signal is
available Note that the required center frequencies for the
two second-order sections will not be obtainable with clock-
to-center-frequency ratios of 50 or 100 It will be necessary
to adjust
fCLK
f0
externally From Table I we see that Mode 3
can be used to produce a low-pass filter with resistor-adjust-
able center frequency
In most filter designs involving multiple second-order
stages it is best to place the stages with lower Q values
ahead of stages with higher Q especially when the higher Q
is greater than 0707 This is due to the higher relative gain
at the center frequency of a higher-Q stage Placing a stage
with lower Q ahead of a higher-Q stage will provide some
attenuation at the center frequency and thus help avoid clip-
ping of signals near this frequency For this example stage
A has the lower Q (0785) so it will be placed ahead of the
other stage
For the first section we begin the design by choosing a
convenient value for the input resistance R1A e 20k The
absolute value of the passband gain HOLPA is made equal
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com