Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF10ACWM Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF10ACWM
Description  Universal Monolithic Dual Switched Capacitor Filter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF10ACWM Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button MF10ACWM Datasheet HTML 11Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 12Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 13Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 14Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 15Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 16Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 17Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 18Page - National Semiconductor (TI) MF10ACWM Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
30 Applications Information (Continued)
TLH10399 – 27
(a) Resistive Divider with
Decoupling Capacitor
TLH10399 – 28
(b) Voltage Regulator
TLH10399 – 29
(c) Operational Amplifier
with Divider
FIGURE 18 Three Ways of Generating
V
a
2
for Single-Supply Operation
32 SINGLE SUPPLY OPERATION
The MF10 can also operate with a single-ended power sup-
ply
Figure 17 shows the example filter with a single-ended
power supply VAa and VDa are again connected to the
positive power supply (8V to 14V) and VAb and VDb are
connected to ground The AGND pin must be tied to Va 2
for single supply operation This half-supply point should be
very ‘‘clean’’ as any noise appearing on it will be treated as
an input to the filter It can be derived from the supply volt-
age with a pair of resistors and a bypass capacitor
(Figure
18a) or a low-impedance half-supply voltage can be made
using a three-terminal voltage regulator or an operational
amplifier
(Figures 18b and 18c) The passive resistor divider
with a bypass capacitor is sufficient for many applications
provided that the time constant is long enough to reject any
power supply noise It is also important that the half-supply
reference present a low impedance to the clock frequency
so at very low clock frequencies the regulator or op-amp
approaches may be preferable because they will require
smaller capacitors to filter the clock frequency The main
power supply voltage should be clean (preferably regulated)
and bypassed with 01 mF
33 DYNAMIC CONSIDERATIONS
The maximum signal handling capability of the MF10 like
that of any active filter is limited by the power supply volt-
ages used The amplifiers in the MF10 are able to swing to
within about 1V of the supplies so the input signals must be
kept small enough that none of the outputs will exceed
these limits If the MF10 is operating on g5V for example
the outputs will clip at about 8 Vp–p The maximum input
voltage multiplied by the filter gain should therefore be less
than 8 Vp–p
Note that if the filter Q is high the gain at the lowpass or
highpass outputs will be much greater than the nominal filter
gain
(Figure 6) As an example a lowpass filter withaQof
10 will have a 20 dB peak in its amplitude response at fO If
the nominal gain of the filter HOLP is equal to 1 the gain at
fO will be 10 The maximum input signal at fO must therefore
be less than 800 mVp–p when the circuit is operated on
g
5V supplies
Also note that one output can have a reasonable small volt-
age on it while another is saturated This is most likely for a
circuit such as the notch in Mode 1
(Figure 7) The notch
output will be very small at fO so it might appear safe to
apply a large signal to the input However the bandpass will
have its maximum gain at fO and can clip if overdriven If
one output clips the performance at the other outputs will
be degraded so avoid overdriving any filter section even
ones whose outputs are not being directly used Accompa-
nying
Figures 7 through 15 are equations labeled ‘‘circuit
dynamics’’ which relate the Q and the gains at the various
outputs These should be consulted to determine peak cir-
cuit gains and maximum allowable signals for a given appli-
cation
34 OFFSET VOLTAGE
The MF10’s switched capacitor integrators have a higher
equivalent input offset voltage than would be found in a
typical continuous-time active filter integrator
Figure 19
shows an equivalent circuit of the MF10 from which the out-
put DC offsets can be calculated Typical values for these
offsets with SAB tied to Va are
Vos1 e opamp offset e g5mV
Vos2 eb150 mV
501
b
300 mV
1001
Vos3 eb70 mV
501
b
140 mV
1001
When SAB is tied to Vb Vos2 will approximately halve The
DC offset at the BP output is equal to the input offset of the
lowpass integrator (Vos3) The offsets at the other outputs
depend on the mode of operation and the resistor ratios as
described in the following expressions
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com