Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8AF Datasheet(PDF) 5 Page - International Rectifier

Part # 8AF
Description  PRESSFIT RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8AF Datasheet(HTML) 5 Page - International Rectifier

  8AF Datasheet HTML 1Page - International Rectifier 8AF Datasheet HTML 2Page - International Rectifier 8AF Datasheet HTML 3Page - International Rectifier 8AF Datasheet HTML 4Page - International Rectifier 8AF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
8AF Series
5
Bulletin I20262 Rev.A 06/03
www.irf.com
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance Z
thJC Characteristic
0.01
0.1
1
0.001
0.01
0.1
1
10
8AF Series
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
150
200
250
300
350
400
450
500
550
600
650
700
110
100
Initial T = 195°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
Number Of Equal Amplitude Half Cycle Current Pulses (N)
8AF Series
150
200
250
300
350
400
450
500
550
600
650
700
750
0.01
0.1
1
Pulse Train Duration (s)
8AF Series
Maximum Non Repetitive Surge Current
Initial T = 195 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J
1
10
100
1000
01
234
567
8AF Series
T = 195°C
J
T = 25°C
J
Instantaneous Forward Voltage (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com