Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8AF Datasheet(PDF) 1 Page - International Rectifier

Part # 8AF
Description  PRESSFIT RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8AF Datasheet(HTML) 1 Page - International Rectifier

  8AF Datasheet HTML 1Page - International Rectifier 8AF Datasheet HTML 2Page - International Rectifier 8AF Datasheet HTML 3Page - International Rectifier 8AF Datasheet HTML 4Page - International Rectifier 8AF Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
50 A
PRESSFIT RECTIFIER DIODES
Bulletin I20262 Rev.A 06/03
8AF SERIES
Major Ratings and Characteristics
Parameters
8AF
Units
I
F(AV)
50
A
@T
C
150
°C
IF(RMS)
79
A
I
FSM
@50Hz
714
A
@60Hz
747
A
I2t
@50Hz
2546
A2s
@60Hz
2324
A2s
I2√t
25455
A2√s
V
RRM range
100to800
V
T
J
-65to195
o
C
IR Case Style B-47
Features and Descriptions
Convenient pressfit package
Available with and without leads
High surge capabilities
1
www.irf.com
Application
Welders, Battery charges, Alternators


Similar Part No. - 8AF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8AF VISHAY-8AF Datasheet
138Kb / 7P
Pressfit Rectifier Diodes, 50 A
17-Jun-08
logo
International Rectifier
8AF05 IRF-8AF05 Datasheet
136Kb / 5P
PRESSFIT RECTIFIER DIODES
logo
MIC GROUP RECTIFIERS
8AF05 MIC-8AF05 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
8AF1 MIC-8AF1 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
8AF10 MIC-8AF10 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
More results

Similar Description - 8AF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8AF05 IRF-8AF05 Datasheet
136Kb / 5P
PRESSFIT RECTIFIER DIODES
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Vishay Siliconix
8AF VISHAY-8AF Datasheet
138Kb / 7P
Pressfit Rectifier Diodes, 50 A
17-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com