Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8AF Datasheet (PDF) - Vishay Siliconix

8AF Datasheet PDF - Vishay Siliconix
Part # 8AF
Download  8AF Download
File Size   138.68 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Pressfit Rectifier Diodes, 50 A

8AF Datasheet (PDF)

Go To PDF Page Download Datasheet
8AF Datasheet PDF - Vishay Siliconix

Part # 8AF
Download  8AF Click to download

File Size   138.68 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Pressfit Rectifier Diodes, 50 A

8AF Datasheet (HTML) - Vishay Siliconix




Similar Part No. - 8AF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8AF IRF-8AF Datasheet
137Kb / 5P
PRESSFIT RECTIFIER DIODES
8AF05 IRF-8AF05 Datasheet
136Kb / 5P
PRESSFIT RECTIFIER DIODES
logo
MIC GROUP RECTIFIERS
8AF05 MIC-8AF05 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
8AF1 MIC-8AF1 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
8AF10 MIC-8AF10 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
More results


Similar Description - 8AF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SBR5035PF MICROSEMI-SBR5035PF Datasheet
115Kb / 2P
50 Amp Schottky Rectifier Pressfit
logo
International Rectifier
8AF IRF-8AF Datasheet
137Kb / 5P
PRESSFIT RECTIFIER DIODES
8AF05 IRF-8AF05 Datasheet
136Kb / 5P
PRESSFIT RECTIFIER DIODES
logo
TRANSYS Electronics Lim...
1N6097 TEL-1N6097 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 50 A
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
Power Silicon Rectifier Diodes, 35 A/40 A/60 A
04-Dec-12
logo
Microsemi Corporation
SBR5035PF MICROSEMI-SBR5035PF_07 Datasheet
121Kb / 2P
50 Amp Schottky Rectifier Pressfit
logo
Vishay Siliconix
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
04-Dec-12
VS-50EPU12LHN3 VISHAY-VS-50EPU12LHN3 Datasheet
148Kb / 7P
Ultrafast Rectifier, 50 A FRED Pt®
24-Jan-17
VS-50EPU12L-N3 VISHAY-VS-50EPU12L-N3 Datasheet
147Kb / 7P
Ultrafast Rectifier, 50 A FRED Pt®
19-Feb-2019
VS-50EPU12LHN3 VISHAY-VS-50EPU12LHN3_V01 Datasheet
149Kb / 7P
Ultrafast Rectifier, 50 A FRED Pt®
24-Jan-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com