Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8AF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 8AF
Description  Pressfit Rectifier Diodes, 50 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8AF Datasheet(HTML) 1 Page - Vishay Siliconix

  8AF Datasheet HTML 1Page - Vishay Siliconix 8AF Datasheet HTML 2Page - Vishay Siliconix 8AF Datasheet HTML 3Page - Vishay Siliconix 8AF Datasheet HTML 4Page - Vishay Siliconix 8AF Datasheet HTML 5Page - Vishay Siliconix 8AF Datasheet HTML 6Page - Vishay Siliconix 8AF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 93530
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Jun-08
1
Pressfit Rectifier Diodes, 50 A
8AF Series
Vishay Semiconductors
FEATURES
• Convenient pressfit package
• Available with and without leads
• High surge capabilities
• Fully characterized bulletin
• RoHS compliant
• Designed and qualified for industrial level
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IF(AV)
50 A
B-47
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IF(AV)
50
A
TC
150
°C
IF(RMS)
79
A
IFSM
50 Hz
714
A
60 Hz
747
I2t
50 Hz
2546
A2s
60 Hz
2324
I2
t
25 455
A2
s
VRRM
Range
50 to 400
V
TJ
- 65 to 195
°C
VOLTAGE RATINGS
TYPE
NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE
PEAK REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
8AF
05
50
75
7
1
100
150
7
2
200
300
5
4
400
500
5


Similar Part No. - 8AF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8AF IRF-8AF Datasheet
137Kb / 5P
PRESSFIT RECTIFIER DIODES
8AF05 IRF-8AF05 Datasheet
136Kb / 5P
PRESSFIT RECTIFIER DIODES
logo
MIC GROUP RECTIFIERS
8AF05 MIC-8AF05 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
8AF1 MIC-8AF1 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
8AF10 MIC-8AF10 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
More results

Similar Description - 8AF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SBR5035PF MICROSEMI-SBR5035PF Datasheet
115Kb / 2P
50 Amp Schottky Rectifier Pressfit
logo
International Rectifier
8AF IRF-8AF Datasheet
137Kb / 5P
PRESSFIT RECTIFIER DIODES
8AF05 IRF-8AF05 Datasheet
136Kb / 5P
PRESSFIT RECTIFIER DIODES
logo
TRANSYS Electronics Lim...
1N6097 TEL-1N6097 Datasheet
119Kb / 2P
SCHOTTKY DIODES STUD TYPE 50 A
logo
Vishay Siliconix
1N1183 VISHAY-1N1183 Datasheet
274Kb / 6P
Power Silicon Rectifier Diodes, 35 A/40 A/60 A
04-Dec-12
logo
Microsemi Corporation
SBR5035PF MICROSEMI-SBR5035PF_07 Datasheet
121Kb / 2P
50 Amp Schottky Rectifier Pressfit
logo
Vishay Siliconix
1N1190RA VISHAY-1N1190RA Datasheet
531Kb / 8P
Power Silicon Rectifier Diodes, 35 A, 40 A, 60 A
04-Dec-12
VS-50EPU12LHN3 VISHAY-VS-50EPU12LHN3 Datasheet
148Kb / 7P
Ultrafast Rectifier, 50 A FRED Pt®
24-Jan-17
VS-50EPU12L-N3 VISHAY-VS-50EPU12L-N3 Datasheet
147Kb / 7P
Ultrafast Rectifier, 50 A FRED Pt®
19-Feb-2019
VS-50EPU12LHN3 VISHAY-VS-50EPU12LHN3_V01 Datasheet
149Kb / 7P
Ultrafast Rectifier, 50 A FRED Pt®
24-Jan-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com