Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8AF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 8AF
Description  Pressfit Rectifier Diodes, 50 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8AF Datasheet(HTML) 4 Page - Vishay Siliconix

  8AF Datasheet HTML 1Page - Vishay Siliconix 8AF Datasheet HTML 2Page - Vishay Siliconix 8AF Datasheet HTML 3Page - Vishay Siliconix 8AF Datasheet HTML 4Page - Vishay Siliconix 8AF Datasheet HTML 5Page - Vishay Siliconix 8AF Datasheet HTML 6Page - Vishay Siliconix 8AF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93530
4
Revision: 17-Jun-08
8AF Series
Vishay Semiconductors
Pressfit Rectifier Diodes, 50 A
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
025
50
75
100
125
150
15 K/W
10 K/W
5 K/W
3 K/W
1.5
K/W
R
=1
K
/W
- D
elta
R
2 K
/W
Maximum Allowable Ambient Temperature (°C)
0
10
20
30
40
50
60
70
80
90
0
102030
4050
60
7080
DC
180°
120°
90°
60°
30°
Average Forward Current (A)
RMS Limit
Conduction Period
8AF Series
T = 195°C
J
150
200
250
300
350
400
450
500
550
600
650
700
110
100
Initial T = 195°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
Number Of Equal Amplitude Half Cycle Current Pulses (N)
8AF Series
150
200
250
300
350
400
450
500
550
600
650
700
750
0.01
0.1
1
Pulse Train Duration (s)
8AF Series
Maximum Non Repetitive Surge Current
Initial T = 195 °C
No Voltage Reapplied
Rated V
Reapplied
RRM
Versus Pulse Train Duration.
J
1
10
100
1000
0123
4
5
6
7
8AF Series
T = 195°C
J
T = 25°C
J
Instantaneous Forward Voltage (V)
0.01
0.1
1
0.001
0.01
0.1
1
10
8AF Series
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com