Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8AF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 8AF
Description  Pressfit Rectifier Diodes, 50 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8AF Datasheet(HTML) 5 Page - Vishay Siliconix

  8AF Datasheet HTML 1Page - Vishay Siliconix 8AF Datasheet HTML 2Page - Vishay Siliconix 8AF Datasheet HTML 3Page - Vishay Siliconix 8AF Datasheet HTML 4Page - Vishay Siliconix 8AF Datasheet HTML 5Page - Vishay Siliconix 8AF Datasheet HTML 6Page - Vishay Siliconix 8AF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 93530
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Jun-08
5
8AF Series
Pressfit Rectifier Diodes, 50 A
Vishay Semiconductors
ORDERING INFORMATION TABLE
1
-
Essential part number
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
3
2
Device code
13
24
8AF
4
N
LV
-
N = Normal polarity (cathode to case)
R = Reverse polarity (anode to case)
4
-
PP = Without lead
LH = Horizontal lead
LV = Vertical lead
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95330



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com