Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90365 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90365
Description  Triaxis짰 Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90365 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90365 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
MLX90365
Triaxis® Position Sensor IC
MLX90365
Page 13 of 35
Datasheet
Rev. 5.7
Jan. 22, 16
PWM OUTPUT - DC Operating Parameters at VDD = VPU = 5V (unless otherwise specified) and for TA as
specified by the Temperature suffix L.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
PWM Output Resolution
RPWM
12 bits
0.025
%DC/LSB
PWM % DC Jitter
JDC
LSD – Mode5
100Hz, 4.7nF, RL = 1 kΩ PU
200Hz, 4.7nF, RL = 1 kΩ PU
1000Hz, 4.7nF, RL = 1 kΩ PU
PP – Mode7
100Hz, 4.7nF, RL = 1 kΩ PU
200Hz, 4.7nF, RL = 1 kΩ PU
1000Hz, 4.7nF, RL = 1 kΩ PU
±0.003
±0.005
±0.009
±0.003
±0.005
±0.009
±0.016
±0.02
±0.035
±0.016
±0.02
±0.035
%DC
PWM Freq Jitter
JPWM
LSD – Mode5
100-1000 Hz, 4.7nF, RL = 1 kΩ PU
PP – Mode7
100-1000 Hz, 4.7nF, RL = 1 kΩ PU
±0.04
±0.04
±0.15
±0.15
Hz
PWM % DC thermal drift
LSD – Mode5
100Hz, 4.7nF, RL = 1 kΩ PU
200Hz, 4.7nF, RL = 1 kΩ PU
1000Hz, 4.7nF, RL = 1 kΩ PU
PP – Mode7
100Hz, 4.7nF, RL = 1 kΩ PU
200Hz, 4.7nF, RL = 1 kΩ PU
1000Hz, 4.7nF, RL = 1 kΩ PU
±0.02
±0.02
±0.02
±0.02
±0.02
±0.02
±0.03
±0.03
±0.05
±0.03
±0.03
±0.05
%DC
PWM % DC Level drift
(Trigger level= 25/50/75%)
LSD – Mode5
100Hz, 4.7nF, RL = 1 kΩ PU
PP – Mode7
100Hz, 4.7nF, RL = 1 kΩ PU
±0.1
±0.05
±0.15
±0.1
%DC
PWM % DC Level drift
100Hz – PP
Application Diagram (see below)
Rs = 0, 50, 100, 150 Ohm
Tolerance on R ± 20%
Tolerance on C ± 30%
±0.05
±0.1
%DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com