Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90365 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90365
Description  Triaxis짰 Position Sensor IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90365 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90365 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90365 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
MLX90365
Triaxis® Position Sensor IC
MLX90365
Page 21 of 35
Datasheet
Rev. 5.7
Jan. 22, 16
14.2.6. CLAMPING Parameters
The clamping levels are two independent values to limit the output voltage range. The CLAMPLOW
parameter adjusts the minimum output voltage level. The CLAMPHIGH parameter sets the maximum
output voltage level. Both parameters have 16 bits of adjustment and are available for both LNR modes.
In analog mode, the resolution will be limited by the D/A converter (12 bits) to 0.024%VDD. In PWM mode,
the resolution will be 0.024%DC.
14.3. Identification
Parameter
Value
MELEXISID1
MELEXISID2
MELEXISID3
0 … 65535
0 … 65535
0 … 65535
USERID1
USERID2
USERID3
0 … 65535
0 … 65535
0 … 65535
Identification number: 48 bits (3 words) freely useable by Customer for traceability purpose.
14.4. Lock
The MEMLOCK write protects all the EEPROM parameters set by the Melexis and user. Once the lock is
enabled, it is not possible to change the EEPROM values anymore.
Note that the Memlock bits should be set by the solver function “MemLock".
14.5. Sensor Front-End
Parameter
Value
MAPXYZ
0 .. 3
SMISM
0 .. 32768
k
0 .. 32768
SEL_k
0 or 1
GAINMIN
GAINMAX
GAINSATURATION
0 … 41
0 … 41
0.. 1
14.5.1. MAPXYZ
The MAPXYZ parameter defines which fields are used to calculate the angle. The different possibilities
are described in the tables below.
This 2 bits value selects the first (B1) and second (B2) field components according the table below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com