Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90367 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90367
Description  Triaxis횘 Position Sensor IC feat. SENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90367 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90367 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
MLX90367
Triaxis
®
®
®
® Position Sensor IC feat. SENT
MLX90367
Page 13 of 36
Datasheet
Rev 5.2
Dec. 15, 15
11.
MLX90367 Magnetic Specification
DC Operating Parameters at Nominal Supply Voltage (unless otherwise specified) and for TA as specified
by the Temperature suffix (E or K or L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnetic Flux Density
BX, BY(11)
√[ BX 2 + BY 2 ]
70(12)
mT
Magnetic Flux Density
BZ(13)
126
mT
Magnetic Flux Norm
Norm
√[ BX 2 + BY 2 + (Bz/1.2)2 ]
20(12)
mT
IMC Gain(14)
GainIMC
1.2
1.3
1.4
Magnet Temperature Coefficient
TCm
-2400
0
ppm/°C
12.
MLX90367 CPU & Memory Specification
The DSP is based on a 16 bit RISC µController. This CPU provides 2.5 Mips while running at 10 MHz.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
ROM
10
kB
RAM
384
B
EEPROM
128
B
11 The condition must be fulfilled for at least one field BX or BY.
12 Above 70 mT, the IMC starts saturating yielding to an increase of the linearity error.
13 Below 20 mT, the performances slightly degrade due to a reduction of the signal-to-noise ratio, signal-to-offset ratio.
14 This is the magnetic gain linked to the Integrated Magneto Concentrator (IMC) structure. It applies to BX and BY and not to BZ.
This is the overall variation. Within one lot, the part to part variation is typically ± 10% versus the average value of the IMC gain
of that lot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com