Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90367 Datasheet(PDF) 19 Page - Melexis Microelectronic Systems

Part # MLX90367
Description  Triaxis횘 Position Sensor IC feat. SENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90367 Datasheet(HTML) 19 Page - Melexis Microelectronic Systems

Back Button MLX90367 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 23Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
MLX90367
Triaxis
®
®
®
® Position Sensor IC feat. SENT
MLX90367
Page 19 of 36
Datasheet
Rev 5.2
Dec. 15, 15
The second part (positions 24 to 40) is optional as a whole enabled with EEPROM bit
EE_ExtendedSequence.
This second part consists of the error code (8 occurences), 8 OEM -defined Code
The temperature can be derived from SENT ID 23, TEMP sensor, with the following equation:
SENT@ ID 23 = 8 * (T[C] – 35[C]) + 865 lsb12
The accuracy of the actual Temperature is = ± 10 DegC.
14.3.3. Serial message sequence period
Sequence Length
(serial message count)
Sequence Length
(frame count)
Sequence Period
(ms, typical)
24
432
381
40
720
636
14.3.3.1. Error Code Rate
The Error Code are on purpose transmitted every second message, to maximize the rate, which equals
then 36 SENT frames.
14.3.4. Serial Message Error Code
The list of error and status messages transmitted in the 12-bit Enhanced Serial Message data field when
Enhance Serial Message ID is $01 is given in the following Table.
12 Bit Data
Diagnostic
Comments
$000
No error
$801
GainOOS
Front-end Gain code Out-of-spec (too low, too high)
$808
ADCSatura
Diag
$810
ADCMonitor
ADC monitor
$820
VanaMoni
Analog Internal Supply Too Low
$840
VddMoni
External Supply Too Low
$880
Rough Offset
Front-end Rough Offset too low, too high
$900
TempMonitor
Temperature Sensor monitor
In case multiple errors occur, then the resulting 12 bit enhanced serial message data will be the OR-operation of the
individual data values. Example $809 = GainOOS + ADCsatura



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com